Electronic Components Datasheet Search
  English  ▼

X  

UM0759 Datasheet(PDF) 17 Page - STMicroelectronics

Part # UM0759
Description  L9958 evaluation board and graphical user interface
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0759 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button UM0759 Datasheet HTML 13Page - STMicroelectronics UM0759 Datasheet HTML 14Page - STMicroelectronics UM0759 Datasheet HTML 15Page - STMicroelectronics UM0759 Datasheet HTML 16Page - STMicroelectronics UM0759 Datasheet HTML 17Page - STMicroelectronics UM0759 Datasheet HTML 18Page - STMicroelectronics UM0759 Datasheet HTML 19Page - STMicroelectronics UM0759 Datasheet HTML 20Page - STMicroelectronics UM0759 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
UM0759
General description
Doc ID 16058 Rev 2
17/26
PWM duty-cycle and frequency control
●
PWM Duty-cycle control
Range:
[0, 100] %
Step:
1
Default:
50
%
Figure 15.
PWM duty
●
PWM frequency control
Range:
[20, 30000] Hz
Step:
1
Default:
10000Hz
Figure 16.
PWM frequency control
To adjust PWM control bars will change the duty-cycle and frequency of L9958's PWM input
signal. But if the motor was freewheeling, the action clicking the control roll didn't change the
current status, PWM duty-cycle unchanged.
Table 6.
EN/DI/DIR switch map
Switch
EN
DI
DIR
Bit “ACT”
Bridge status
Forward
“1”
On-state
Break
“0”
tri-state
Reverse
“1”
On-state
Break
“0”
tri-state



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com