Electronic Components Datasheet Search
  English  ▼

X  

UM0759 Datasheet(PDF) 20 Page - STMicroelectronics

Part # UM0759
Description  L9958 evaluation board and graphical user interface
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0759 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button UM0759 Datasheet HTML 16Page - STMicroelectronics UM0759 Datasheet HTML 17Page - STMicroelectronics UM0759 Datasheet HTML 18Page - STMicroelectronics UM0759 Datasheet HTML 19Page - STMicroelectronics UM0759 Datasheet HTML 20Page - STMicroelectronics UM0759 Datasheet HTML 21Page - STMicroelectronics UM0759 Datasheet HTML 22Page - STMicroelectronics UM0759 Datasheet HTML 23Page - STMicroelectronics UM0759 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
General description
UM0759
20/26
Doc ID 16058 Rev 2
Port configuration
Com port (
) can be changed by user, according the used COM port number of
PC.
After modified the com port number, user must click the reset key
to reset and
configure the ST10 evaluation board.
Port number: (COM Number - 1)
Baud rate: 38400 (default)
Figure 21.
COM number map on PC
Example: For COM1: "0" port number should be selected (
)
For COM3: "2" port number should be selected (
)
If the port configuration failed, when select
,
happened:
Notes: when this error appeared, please do below actions:
●
Configure the Port number correctly
●
Clicked the "Reset ST10" button to reset the L9958 GUI and ST10 configuration
3.3.3
Rx error
The Rx error turned red (
) indicate below receive error:
●
Receive timeout
●
Receive error
●
Received frame incorrect
3.3.4
"Exit" button
The "Exit" button (
) was only used to stop and exit the L9958 GUI.
3.3.5
"Continue diagnosis" switch
If the "Continue Diagnosis" was clicked (
), the L9958 GUI enters automatic
diagnosis mode, the current SPI menu configuration will be sent to L9958 continuously to do
the continuous diagnosis. When continuous diagnosis was selected, "SPI send" also works.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com