Electronic Components Datasheet Search
  English  ▼

X  

AN3089 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN3089
Description  This application note describes the characteristics
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3089 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN3089 Datasheet HTML 7Page - STMicroelectronics AN3089 Datasheet HTML 8Page - STMicroelectronics AN3089 Datasheet HTML 9Page - STMicroelectronics AN3089 Datasheet HTML 10Page - STMicroelectronics AN3089 Datasheet HTML 11Page - STMicroelectronics AN3089 Datasheet HTML 12Page - STMicroelectronics AN3089 Datasheet HTML 13Page - STMicroelectronics AN3089 Datasheet HTML 14Page - STMicroelectronics AN3089 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
DocID16493 Rev 2
11/25
AN3089
Functional check
25
3
Functional check
Some flyback waveforms during steady state operation are reported here.
At nominal load conditions, in Figure 4 and Figure 5, it is possible to note that the ZCD
negative-going edge triggers MOSFET’s turn-on, allowing quasi-resonant operation.
Figure 4. Flyback stage waveforms at 115 V –
60 Hz – full load
Figure 5. Flyback stage waveforms at 230 V –
50 Hz – full load
CH1: drain voltage
CH2: CS pin voltage
CH1: drain voltage
CH2: CS pin voltage
CH3: ZCD pin
CH4: bulk voltage
CH3: ZCD pin
CH4: bulk voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com