Electronic Components Datasheet Search
  English  ▼

X  

AN3089 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN3089
Description  This application note describes the characteristics
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3089 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN3089 Datasheet HTML 14Page - STMicroelectronics AN3089 Datasheet HTML 15Page - STMicroelectronics AN3089 Datasheet HTML 16Page - STMicroelectronics AN3089 Datasheet HTML 17Page - STMicroelectronics AN3089 Datasheet HTML 18Page - STMicroelectronics AN3089 Datasheet HTML 19Page - STMicroelectronics AN3089 Datasheet HTML 20Page - STMicroelectronics AN3089 Datasheet HTML 21Page - STMicroelectronics AN3089 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
Bill of material
AN3089
18/25
DocID16493 Rev 2
6
Bill of material
Table 3. EVL6566B-65W-QR demonstration board: bill of material
Des.
Part type/
part value
Description
Supplier
Case
C1
2.2 nF
Y1 - safety cap. DE1E3KX222M
Murata
12 x 4 mm p.10 mm
C2
120 uF - 400 V
400 V - aluminium ELCAP - KXW series
Rubycon
Dia. 18 mm
C3
330 pF - 2 kV
2 kV - disc CERCAP
Murata
p. 8 mm
C4
100 nF
X2 - FLM cap. - R46-I 3100--M1-
Arcotronics
18 x 5 mm p.15 mm
C5
2.2 nF
Y1 - safety cap. DE1E3KX222M
Murata
12 x 4 mm p. 10 mm
C6
150 nF
X2 - FLM cap. - R46 KN 3150 - 01 -
Arcotronics
26 x 6 mm p. 22.5 mm
C7
1000
F - 25 V
25 V - aluminium ELCAP - ZL SERIES
Rubycon
Dia. 13 mm
C8
1000
F - 25 V
25 V - aluminium ELCAP - ZL SERIES
Rubycon
Dia. 13 mm
C9
22
F - 50 V
50 V - aluminium ELCAP - YXF SERIES
Rubycon
Dia. 6 mm
C10
100
F - 25 V
25 V - aluminium ELCAP - YXF SERIES
Rubycon
Dia. 6 mm
C11
47
F - 50 V
50 V - aluminium ELCAP - YXF SERIES
Rubycon
Dia. 6 mm
C12
1 nF
200 V CERCAP - general purpose
AVX
1206
C13
22 nF
50 V CERCAP - general purpose
AVX
0805
C14
2.2 nF
50 V CERCAP - general purpose
AVX
0805
C16
2.2 nF
50 V CERCAP - general purpose
AVX
0805
C17
100 nF
50 V CERCAP - general purpose
AVX
0805
C18
100 nF
50 V CERCAP - general purpose
AVX
1206
C19
100 nF
50 V CERCAP - general purpose
AVX
1206
C20
330 pF
50 V CERCAP - general purpose
AVX
1206
C21
470 nF
50 V CERCAP - general purpose
AVX
0805
C22
330 pF
50 V CERCAP - general purpose
AVX
1206
C23
2.2 nF
50 V CERCAP - general purpose
AVX
1206
C26
1 nF
50 V CERCAP - general purpose
AVX
1206
C27
100 nF
50 V CERCAP - general purpose
AVX
0805
C28
10 nF
50 V CERCAP - general purpose
AVX
1206
C29
100 nF
50 V CERCAP - general purpose
AVX
0805
C30
47 pF
50 V CERCAP - general purpose
AVX
1206
D1
GBU4J
SIngle-phase bridge rectifier
VISHAY
GBU STYLE
D2
STPS20H100CFP
HV power Schottky rectifier
STMicroelectronics
TO - 220 FP
D3
STPS20H100CFP
HV power Schottky rectifier
STMicroelectronics
TO - 220 FP
D4
1.5 KE300A
Transil
STMicroelectronics
DO-201
D5
S1M
High voltage rectifier
Vishay
SMA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com