Electronic Components Datasheet Search
  English  ▼

X  

AN3089 Datasheet(PDF) 19 Page - STMicroelectronics

Part # AN3089
Description  This application note describes the characteristics
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3089 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button AN3089 Datasheet HTML 15Page - STMicroelectronics AN3089 Datasheet HTML 16Page - STMicroelectronics AN3089 Datasheet HTML 17Page - STMicroelectronics AN3089 Datasheet HTML 18Page - STMicroelectronics AN3089 Datasheet HTML 19Page - STMicroelectronics AN3089 Datasheet HTML 20Page - STMicroelectronics AN3089 Datasheet HTML 21Page - STMicroelectronics AN3089 Datasheet HTML 22Page - STMicroelectronics AN3089 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
DocID16493 Rev 2
19/25
AN3089
Bill of material
25
D6
BZV55-B18
Zener diode
Philips
SOD-80
D7
S07M
High voltage diode
Vishay
SMF DO-219AB
D10
LL4148
Fast switching diode
Vishay
SOD-80
D12
STTH102A
Fast switching diode
STMicroelectronics
SMA
D13
S07M
High voltage diode
Vishay
SMF D0-219AB
D14
LL4148
Fast switching diode
Vishay
SOD-80
F1
392/TE05 - 4 A
Fuse T4A - time delay
Littelfuse
DWG
HS1
Heatsink
Bridge rect. and MOSFET heatsink
-
DWG
HS2
Heatsink
Output rectifiers heatsink
-
DWG
J1
MKDS 1,5/ 2-5.08
Screw conn., pitch 5.08 mm - 2 w.
Phoenix contact
DWG
J2
MKDS 1,5/ 2-3.81
Screw conn., pitch 3.81 mm - 2 w.
Phoenix contact
DWG
L1
HF2826-
203Y1R5-T01
Input EMI filter
TDK
DWG
L2
1071.0083
1.1
H - 5 A - radial inductor
MAGNETICA
Dia. 9 mm p. 5 mm
Q1
STF7NM80
N-channel power MOSFET
STMicroelectronics
TO-220FP
Q2
BC847C
NPN small signal BJT
ZETEX
SOT-23
Q3
BC847C
NPN small signal BJT
ZETEX
SOT-23
Q4
BC847C
NPN small signal BJT
ZETEX
SOT-23
R2
NTC 1R-S237
NTC resistor P/N B57237S0100M000
EPCOS
12 x 4 mm p. 10 mm
R3
M57703
Thermistor - B57703M103G
EPCOS
DWG
R4
2.2 K
SMD film res. - 1/4 W - 5% - 250 ppm/°C
Vishay
1206
R5
100 K
SMD film res. - 1/8 W - 5% - 250 ppm/°C
Vishay
0805
R6
3.9
SMD film res. - 1/4 W - 5% - 250 ppm/°C
Vishay
1206
R7
3.9
SMD film res. - 1/4 W - 5% - 250 ppm/°C
Vishay
1206
R8
4.7 K
SMD film res. - 1/8 W - 5% - 250 ppm/°C
Vishay
0805
R9
1.8 K
SMD film res. - 1/8 W - 5% - 250 ppm/°C
Vishay
0805
R10
3.9 M
SMD film res. - 1/4 W - 5% - 100 ppm/°C
Vishay
1206
R11
91 K
SMD film res. - 1/4 W - 1% - 100 ppm/°C
Vishay
0805
R12
3.9 M
SMD film res. - 1/4 W - 1% - 100 ppm/°C
Vishay
1206
R14
33
SMD film res - 1/8 W - 5% - 250 ppm/°C
Vishay
0805
R15
100 K
SMD film res - 1/8 W - 5% - 250 ppm/°C
Vishay
0805
R16
0.33
MSR1 SMD film res. - 1 W - 5%
- 250 ppm/°C
MEGGIT
2512
R17
360
SMD film res. - 1/4 W - 5% - 250 ppm/°C
Vishay
1206
R19
2.7 K
SMD film res. - 1/4 W - 1% - 100 ppm/°C
Vishay
1206
Table 3. EVL6566B-65W-QR demonstration board: bill of material (continued)
Des.
Part type/
part value
Description
Supplier
Case



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com