Electronic Components Datasheet Search
  English  ▼

X  

AN3089 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN3089
Description  This application note describes the characteristics
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3089 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN3089 Datasheet HTML 8Page - STMicroelectronics AN3089 Datasheet HTML 9Page - STMicroelectronics AN3089 Datasheet HTML 10Page - STMicroelectronics AN3089 Datasheet HTML 11Page - STMicroelectronics AN3089 Datasheet HTML 12Page - STMicroelectronics AN3089 Datasheet HTML 13Page - STMicroelectronics AN3089 Datasheet HTML 14Page - STMicroelectronics AN3089 Datasheet HTML 15Page - STMicroelectronics AN3089 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
Functional check
AN3089
12/25
DocID16493 Rev 2
Figure 6 and Figure 7 show operation at light-load. As already indicated, maximum
switching frequency has been set at 165 kHz. For this reason, the L6566B skips the first
valley signal on ZCD and switches on the MOSFET at the second negative-going edge.
3.1
Standby and no load operation
In Figure 8 and Figure 9, some no load waveforms are captured. As shown, the L6566B
works in the burst mode. When the feedback voltage at the COMP pin falls below 2.65 V
(typical), the IC is disabled and its consumption is reduced. The chip is re-enabled as the
voltage on the COMP pin rises over this threshold again. Therefore, the residual
consumption of the PFC control circuitry is minimized to a negligible level.
Figure 6. Flyback stage waveforms at 115 V –
60 Hz – light-load
Figure 7. Flyback stage waveforms at 230 V –
50 Hz – light-load
CH1: drain voltage
CH2: CS pin voltage
CH1: drain voltage
CH2: CS pin voltage
CH3: ZCD pin
CH4: bulk voltage
CH3: ZCD pin
CH4: bulk voltage
Figure 8. No load operation at 90 V – 50 Hz
Figure 9. No load operation at 265 V – 50 Hz
CH1: drain voltage
CH2: COMP pin
CH1: drain voltage
CH2: COMP pin
CH3: Output voltage
CH4: bulk voltage
CH3: Output voltage
CH4: bulk voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com