Electronic Components Datasheet Search
  English  ▼

X  

AN3089 Datasheet(PDF) 16 Page - STMicroelectronics

Part # AN3089
Description  This application note describes the characteristics
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3089 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AN3089 Datasheet HTML 12Page - STMicroelectronics AN3089 Datasheet HTML 13Page - STMicroelectronics AN3089 Datasheet HTML 14Page - STMicroelectronics AN3089 Datasheet HTML 15Page - STMicroelectronics AN3089 Datasheet HTML 16Page - STMicroelectronics AN3089 Datasheet HTML 17Page - STMicroelectronics AN3089 Datasheet HTML 18Page - STMicroelectronics AN3089 Datasheet HTML 19Page - STMicroelectronics AN3089 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
Thermal map
AN3089
16/25
DocID16493 Rev 2
4
Thermal map
In order to check the design reliability, a thermal mapping by means of an IR camera was
done. In Figure 16 and 17 the thermal measurements of the board, component side, at
nominal input voltage are shown. Some pointers visible in the images have been placed
across key components or components showing high temperature. The ambient
temperature during both measurements was 27 °C.
Figure 16. Thermal map at 115 Vac – 60 Hz – full load
Figure 17. Thermal map at 230 Vac – 50 Hz – full load
Table 2. Thermal map reference points
Point
Reference
Description
A
L1
EMI filtering common mode choke
B
D1
Bridge rectifier
C
D4
Clamping Transil
D
Q1
Flyback power MOSFET
E
R2
Input NTC
F
T1
Flyback power transformer
G
D2
Output diode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com