Electronic Components Datasheet Search
  English  ▼

X  

AN3089 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN3089
Description  This application note describes the characteristics
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3089 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN3089 Datasheet HTML 16Page - STMicroelectronics AN3089 Datasheet HTML 17Page - STMicroelectronics AN3089 Datasheet HTML 18Page - STMicroelectronics AN3089 Datasheet HTML 19Page - STMicroelectronics AN3089 Datasheet HTML 20Page - STMicroelectronics AN3089 Datasheet HTML 21Page - STMicroelectronics AN3089 Datasheet HTML 22Page - STMicroelectronics AN3089 Datasheet HTML 23Page - STMicroelectronics AN3089 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
Bill of material
AN3089
20/25
DocID16493 Rev 2
R20
680 K
SMD film res. - 1/4W - 1% - 100 ppm/°C
Vishay
1206
R21
180 K
SMD film res. - 1/8W - 1% - 100 ppm/°C
Vishay
0805
R23
12 K
SMD film res. - 1/8 W - 1% - 100 ppm/°C
Vishay
0805
R24
3.3
SMD film res. - 1/4 W - 5% - 250 ppm/°C
Vishay
1206
R25
10 K
SMD film res. - 1/8 W - 5% - 250 ppm/°C
Vishay
0805
R26
15 K
SMD film res. - 1/4 W - 5% - 250 ppm/°C
Vishay
1206
R28
1 K
SMD film res. - 1/8 W - 5% - 250 ppm/°C
Vishay
0805
R29
22 K
SMD film res. - 1/8 W - 5% - 250 ppm/°C
Vishay
0805
R30
1 K
SMD film res. - 1/4 W - 5% - 250 ppm/°C
Vishay
1206
R31
0.15
MSR1 SMD film res. - 1 W - 5%
- 250 ppm/°C
MEGGIT
2512
R32
12 K
SMD film res. - 1/8 W - 5% - 250 ppm/°C
Vishay
0805
R33
220 K
SMD film res
 - 1/4 W - 5% - 250 ppm/°C
Vishay
1206
R35
39 K
SMD film res. - 1/4 W - 5% - 250 ppm/°C
Vishay
1206
R36
47 K
SMD film res. - 1/8 W - 5% - 250 ppm/°C
Vishay
0805
R37
24 K
SMD film res. - 1/8 W - 1% - 100 ppm/°C
Vishay
0805
R38
4.7 K
SMD film res. - 1/8 W - 1% - 100 ppm/°C
Vishay
0805
R40
100 K
SMD film res. - 1/4 W - 5% - 250 ppm/°C
Vishay
1206
R41
2.2 K
SMD film res. - 1/8 W - 5% - 250 ppm/°C
Vishay
0805
R42
1 K
SMD film res. - 1/4 W - 5% - 250 ppm/°C
Vishay
1206
R43
3.9 K
SMD film res. - 1/8 W - 5% - 250 ppm/°C
Vishay
0805
R45
56 K
SMD film res. - 1/4 W - 1% - 100 ppm/°C
Vishay
1206
R46
22
SMD film res. - 1/8 W - 5% - 250 ppm/°C
Vishay
0805
T1
1972.0005
Power transformer
MAGNETICA
DWG
U1
SFH617A-4
Optocoupler
Infineon
DIP-4
U2
L6566B
Multimode PWM controller
STMicroelectronics
SO-16
U3
TSM1014AIST
Low consumption CC/CV controller
STMicroelectronics
MiniSO-8
Table 3. EVL6566B-65W-QR demonstration board: bill of material (continued)
Des.
Part type/
part value
Description
Supplier
Case



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com