Electronic Components Datasheet Search
  English  ▼

X  

UPD17217 Datasheet(PDF) 47 Page - NEC

Part # UPD17217
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROL TRANSMITTER
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17217 Datasheet(HTML) 47 Page - NEC

Back Button UPD17217 Datasheet HTML 43Page - NEC UPD17217 Datasheet HTML 44Page - NEC UPD17217 Datasheet HTML 45Page - NEC UPD17217 Datasheet HTML 46Page - NEC UPD17217 Datasheet HTML 47Page - NEC UPD17217 Datasheet HTML 48Page - NEC UPD17217 Datasheet HTML 49Page - NEC UPD17217 Datasheet HTML 50Page - NEC UPD17217 Datasheet HTML 51Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 84 page
background image
µPD17215, 17216, 17217, 17218
47
Table 8-2
Operations After HALT Mode Release (2/2)
(b)
HALT 02H
HALT Mode Released by:
Interrupt Status
Interrupt Enable Flag
Operations after HALT Mode Release
Disabled
DI
Enabled
8-Bit Timer
Disabled
EI
Enabled
Branches to interrupt vector address
8.2
HALT Instruction Execution Conditions
The HALT instruction can be executed, only under special conditions, as shown in Table 8-3, to prevent the program
from hangup.
If the conditions in Table 8-3 are not satisfied, the HALT instruction is treated as an NOP instruction.
Table 8-3
HALT Instruction Execution Conditions
Operand Value
Execution Conditions
0010B (02H)
When all interrupt request flags (IRQTM) of 8-bit timer are reset
<1> When interrupt request flag is reset, corresponding to interrupt whose interrupt enable
1000B (08H)
flag (IPTM, IPBTM, or IP) is set
<2> When high level is input to all P0A0-P0A3 and P0B0-P0B3 pins
Other Than Above
Inhibited
8.3
STOP Mode
In the STOP mode, the system clock (fx) oscillation is stopped and the program execution is stopped to minimize current
dissipation.
To set the STOP mode, use the STOP instruction.
The STOP mode releasing condition can be specified by the STOP instruction operand, as shown in Table 8-4.
After the STOP mode has released, the operation is performed as follows:
<1> Resets IRQTM.
<2> Starts the basic interval timer and watchdog timer (does not reset).
<3> Resets and starts the 8-bit timer.
<4> Executes the instruction next to [STOP 8H] when the current value of the 8-bit counter coincides with the
value of the modulo register (IRQTM is set).
Instructions are executed from the
instruction next to the HALT
instruction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com