Electronic Components Datasheet Search
  English  ▼

X  

UPD17217 Datasheet(PDF) 49 Page - NEC

Part # UPD17217
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROL TRANSMITTER
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17217 Datasheet(HTML) 49 Page - NEC

Back Button UPD17217 Datasheet HTML 45Page - NEC UPD17217 Datasheet HTML 46Page - NEC UPD17217 Datasheet HTML 47Page - NEC UPD17217 Datasheet HTML 48Page - NEC UPD17217 Datasheet HTML 49Page - NEC UPD17217 Datasheet HTML 50Page - NEC UPD17217 Datasheet HTML 51Page - NEC UPD17217 Datasheet HTML 52Page - NEC UPD17217 Datasheet HTML 53Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 84 page
background image
µPD17215, 17216, 17217, 17218
49
8.4
STOP Instruction Execution Conditions
The STOP instruction can be executed, only under special conditions, as shown in Table 8-5, to prevent the program
from hangup.
If the conditions in Table 8-5 are not satisfied, the STOP instruction is treated as an NOP instruction.
Table 8-5
STOP Instruction Execution Conditions
Operand Value
Execution Conditions
1000B (08H)
High level input for all P0A0-P0A3 and P0B0-P0B3 pins
Others
Inhibited
8.5
Releasing Standby Mode
Operations for releasing the STOP and HALT modes will be as shown in Fig. 8-1.
Fig. 8-1
Operations After Standby Mode Release
(a)
Releasing STOP mode by interrupt
Stanby
release signal
STOP
instruction
Wait
(time set by TMM)
Operation
mode
STOP mode
HALT mode
Operation
mode
Clock
Oscillation
Oscillation stops
Oscillation
(b)
Releasing HALT mode by interrupt
HALT
instruction
Stanby
release signal
Clock
Operation
mode
Operation
mode
HALT mode
Oscillation
Remark:
The dotted line indicates the operation to be performed when the interrupt request, releasing the
standby mode, has been accepted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com