Electronic Components Datasheet Search
  English  ▼

X  

UPD17217 Datasheet(PDF) 16 Page - NEC

Part # UPD17217
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROL TRANSMITTER
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17217 Datasheet(HTML) 16 Page - NEC

Back Button UPD17217 Datasheet HTML 12Page - NEC UPD17217 Datasheet HTML 13Page - NEC UPD17217 Datasheet HTML 14Page - NEC UPD17217 Datasheet HTML 15Page - NEC UPD17217 Datasheet HTML 16Page - NEC UPD17217 Datasheet HTML 17Page - NEC UPD17217 Datasheet HTML 18Page - NEC UPD17217 Datasheet HTML 19Page - NEC UPD17217 Datasheet HTML 20Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 84 page
background image
µPD17215, 17216, 17217, 17218
16
2.4.2
System registers (SYSREG)
The system registers are registers that are directly related to control of the CPU. These registers are mapped to
addresses 74H-7FH on the data memory and can be referenced regardless of bank specification.
The system registers include the following registers:
Address registers (AR0-AR3)*
Window register (WR)
Bank register (BANK)*
Memory pointer enable flag (MPE)
Memory pointers (MPH, MPL)
Index registers (IXH, IXM, IXL)
General register pointers (RPH, RPL)
Program status word (PSWORD)
*:
The address register (AR3) and the bank register (BANK) are fixed to 0 in the
µPD17215 and 17216.
Fig. 2-5 Configuration of System Register
b3 b2 b1 b0 b3 b2 b1 b0 b3 b2 b1 b0 b3 b2 b1 b0 b3 b2 b1 b0 b3 b2 b1 b0 b3 b2 b1 b0 b3 b2 b1 b0 b3 b2 b1 b0 b3 b2 b1 b0 b3 b2 b1 b0 b3 b2 b1 b0
74H
75H
76H
77H
78H
79H
7AH
7BH
7CH
7DH
7EH
7FH
AR 3
AR 2
AR 1
AR 0
WR
BANK
IXH
IXM
IXL
RPH
RPL
PSW
MPH
MPL
Address register
(AR)
Window
register
(WR)
Bank
register
(BANK)
Data memory
row address
pointer (MP)
Index register
(IX)
General
register
pointer
(RP)
Program
status
word
(PSWORD)
000
00
00
00
M
P
E
B
C
D
C
M
P
C
YZ
I
X
E
(RP)
(IX)
(MP)
(BANK)
Data
Bit
Symbol
Name
Address
Initial
Value
At
Reset
0000 0 0 0 0 0 0 0 00000
0 0 00 0 0 0 00000 0 0 0 0 0 0 0 00000 0000
Undefined
0
0
0
(WR)
*
*
*
*
(AR) ( PD17217, 17218)
(AR) ( PD17216)
(AR) ( PD17215)
µ
0000 0
0000
µ
µ
*: This bit is fixed to 0 in the
µPD17215 and 17216.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com