Electronic Components Datasheet Search
  English  ▼

X  

UPD17217 Datasheet(PDF) 1 Page - NEC

Part # UPD17217
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROL TRANSMITTER
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17217 Datasheet(HTML) 1 Page - NEC

  UPD17217 Datasheet HTML 1Page - NEC UPD17217 Datasheet HTML 2Page - NEC UPD17217 Datasheet HTML 3Page - NEC UPD17217 Datasheet HTML 4Page - NEC UPD17217 Datasheet HTML 5Page - NEC UPD17217 Datasheet HTML 6Page - NEC UPD17217 Datasheet HTML 7Page - NEC UPD17217 Datasheet HTML 8Page - NEC UPD17217 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 84 page
background image
MOS INTEGRATED CIRCUIT
µPD17215, 17216, 17217, 17218
DESCRIPTION
µPD17215, 17216, 17217, 17218 (hereafter called µPD17215 subseries) are 4-bit single-chip microcontrollers for
small general-purpose infrared remote control transmitters.
It employs a 17K architecture of general-purpose register type devices for the CPU, and can directly execute
operations between memories instead of the conventional method of executing operations through the accumulator.
Moreover, all the instructions are 16-bit 1-word instructions which can be programmed efficiently.
In addition, a one-time PROM model,
µPD17P218, to which data can be written only once, is also available. It is
convenient either for evaluating the
µPD17215 subseries programs or small-scale production of application systems.
Detailed functions are described in the follwing manual. Be sure to read this manual when designing your
system.
µPD172×× Subseries User's Manual: IEU-1317
FEATURES
• Infrared remote controller carrier generator circuit (REM output)
• 17K architecture: General-purpose register system
• Program memory (ROM), Data memory (RAM)
µPD17215
µPD17216
µPD17217
µPD17218
Program memory (ROM)
4 K bytes
8 K bytes
12 K bytes
16 K bytes
(2048
× 16)
(4096
× 16)
(6144
× 16)
(8192
× 16)
Data memory (RAM)
111
× 4 bits
223
× 4 bits
• 8-bit timer
:
1 channel
• Basic internal timer / Watchdog timer: 1 channel (WDOUT output)
• Instruction execution time (can be changed in two steps)
at fX 4 MHz
:
4
µs (high-speed mode)/8 µs (ordinary mode)
at fX 8 MHz
:
2
µs (high-speed mode)/4 µs (ordinary mode)
• External interrupt pin (INT)
:
1
• I/O pins
:
20
• Supply voltage
:
VDD = 2.2 to 5.5 V (at fX = 4 MHz (high-speed mode))
VDD = 2.0 to 5.5 V (at fX = 4 MHz (ordinary mode))
• Low-voltage detector circuit (mask opation)
Unless otherwise specified, the
µPD17215 is treated as the representative model throughout this document.
The mark
shows major revised points.
Document No. U12042EJ3V0DS00 (3rd edition)
(Previous No. IC–3249)
Date Published January 1997 N
Printed in Japan
©
1993
DATA SHEET
The information in this document is subject to change without notice.
4-BIT SINGLE-CHIP MICROCONTROLLER
FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROL TRANSMITTER


Similar Part No. - UPD17217

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD17217 RENESAS-UPD17217 Datasheet
543Kb / 86P
MOS INTEGRATED CIRCUIT
1993
More results

Similar Description - UPD17217

ManufacturerPart #DatasheetDescription
logo
NEC
UPD17225 NEC-UPD17225 Datasheet
393Kb / 84P
4-BIT SINGLE-CHIP MICROCONTROLLER FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROL TRANSMITTER
UPD17230 NEC-UPD17230 Datasheet
378Kb / 92P
4-BIT SINGLE-CHIP MICROCONTROLLER FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROL TRANSMITTER
UPD17P228 NEC-UPD17P228 Datasheet
203Kb / 28P
4-BIT SINGLE-CHIP MICROCONTROLLER FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROLLER
UPD17P236 NEC-UPD17P236 Datasheet
252Kb / 32P
4-BIT SINGLE-CHIP MICROCONTROLLER FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROLLER
UPD6132 NEC-UPD6132 Datasheet
264Kb / 64P
4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
UPD17240 NEC-UPD17240 Datasheet
668Kb / 102P
4-BIT SINGLE-CHIP MICROCONTROLLERS FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROL TRANSMITTERS
logo
Renesas Technology Corp
PD17P236 RENESAS-PD17P236_15 Datasheet
572Kb / 34P
4-BIT SINGLE-CHIP MICROCONTROLLER FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROLLER
PD17P228 RENESAS-PD17P228_15 Datasheet
505Kb / 30P
4-BIT SINGLE-CHIP MICROCONTROLLER FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROLLER
PD17225 RENESAS-PD17225_15 Datasheet
501Kb / 86P
4-BIT SINGLE-CHIP MICROCONTROLLER FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROL TRANSMITTER
PD17230 RENESAS-PD17230_15 Datasheet
534Kb / 94P
4-BIT SINGLE-CHIP MICROCONTROLLER FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROL TRANSMITTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com