Electronic Components Datasheet Search
  English  ▼

X  

UPD17217 Datasheet(PDF) 76 Page - NEC

Part # UPD17217
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROL TRANSMITTER
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17217 Datasheet(HTML) 76 Page - NEC

Back Button UPD17217 Datasheet HTML 72Page - NEC UPD17217 Datasheet HTML 73Page - NEC UPD17217 Datasheet HTML 74Page - NEC UPD17217 Datasheet HTML 75Page - NEC UPD17217 Datasheet HTML 76Page - NEC UPD17217 Datasheet HTML 77Page - NEC UPD17217 Datasheet HTML 78Page - NEC UPD17217 Datasheet HTML 79Page - NEC UPD17217 Datasheet HTML 80Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 84 page
background image
µPD17215, 17216, 17217, 17218
76
17. RECOMMENDED SOLDERING CONDITIONS
For the
µPD17215, 17216, 17217, and 17218, soldering must be performed under the following conditions.
For details of recommended conditions for surface mounting, refer to information document "Semiconductor device
mounting technology manual" (C10535E).
For other soldering methods, please consult with NEC personnel.
Table 17-1 Soldering Conditions of Surface Mount Tye
µPD17215GT-xxx:
28-pin plastic SOP (375 mil)
µPD17216GT-xxx:
28-pin plastic SOP (375 mil)
µPD17217GT-xxx:
28-pin plastic SOP (375 mil)
µPD17218GT-xxx:
28-pin plastic SOP (375 mil)
Soldering Method
Soldering Conditions
Symbol
Infrated Reflow
Package peak temperature: 235
°C, Time: 30 seconds max. (210 °C min.),
IR35-207-2
Number of times: 2 max., Days: 7 days* (after that, prebaking is
necessary for 20 hours at 125
°C)
<Cautions>
Products other than those supplied in thermal-resistant tray (magazine, taping,
and non-thermal-resistant tray) cannot be baked in their packs.
VPS
Package peak temperature: 215
°C, Time: 40 seconds max. (210 °C min.),
VP15-207-2
Number of times: 2 max., Days: 7 days* (after that, prebaking is
necessary for 20 hours at 125
°C)
<Cautions>
Products other than those supplied in thermal-resistant tray (magazine, taping,
and non-thermal-resistant tray) cannot be baked in their packs.
Partial Heating
Pin temperature: 300
°C max., Time: 3 seconds max. (per side of device)
—
*: The number of days the device can be stored after the dry pack was opened, under storage conditions of 25
°C and 65 % RH
max.
Caution: Do not use two or more solderong methods in combination (except the partial heating method).
Table 17-2 Soldering Conditions of Through-Hole Tye
µPD17215CT-xxx:
28-pin plastic shrink DIP (400 mil)
µPD17216CT-xxx:
28-pin plastic shrink DIP (400 mil)
µPD17217CT-xxx:
28-pin plastic shrink DIP (400 mil)
µPD17218CT-xxx:
28-pin plastic shrink DIP (400 mil)
Soldering Method
Soldering Conditions
Wave Soldering
Solder bath temperature: 260
°C max., Time: 10 seconds max.
(Only for pins)
Partial Heating
Pin temperature: 300
°C max., Time: 3 seconds max. (per pin)
Caution:
The wave solding must be performed at the lead part only. Note that the solder must not be directly
contacted to the package body.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com