Electronic Components Datasheet Search
  English  ▼

X  

UPD17217 Datasheet(PDF) 21 Page - NEC

Part # UPD17217
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROL TRANSMITTER
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17217 Datasheet(HTML) 21 Page - NEC

Back Button UPD17217 Datasheet HTML 17Page - NEC UPD17217 Datasheet HTML 18Page - NEC UPD17217 Datasheet HTML 19Page - NEC UPD17217 Datasheet HTML 20Page - NEC UPD17217 Datasheet HTML 21Page - NEC UPD17217 Datasheet HTML 22Page - NEC UPD17217 Datasheet HTML 23Page - NEC UPD17217 Datasheet HTML 24Page - NEC UPD17217 Datasheet HTML 25Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 84 page
background image
µPD17215, 17216, 17217, 17218
21
2.5
Register File (RF)
The register file mainly consists of registers that set the conditions of the peripheral hardware.
These registers can be controlled by dedicated instructions PEEK and POKE, and the embedded macro instructions of
AS17K, SETn, CLRn, and INITFLG.
2.5.1
Configuration of register file
Fig. 2-8 shows the configuration of the register file and how the register file is accessed by the PEEK and POKE
instructions.
The control registers are controlled by using dedicated instructions PEEK and POKE. Since the control registers are
assigned to addresses 00H-3FH regardless of the bank, the addresses 00H-3FH of the general-purpose data memory
cannot be accessed when the PEEK or POKE instruction is used.
The addresses that can be accessed by the PEEK and POKE instructions are the addresses 00H-3FH of the control
registers and 40H-7FH of the general-purpose data memory. The register file consists of these addresses.
The control registers are assigned to addresses 80H-BFH on the IE-17K to facilitate debugging.
Fig. 2-8 Register File Access with PEEK or POKE Instructions
0123456789
A
B
C
D
E
F
0
1
2
3
4
5
6
7
Column address
Data memory
System register
0
1
2
3
PEEK WR, SP
POKE LCDMD, WR
POKE M063, WR
Control register
Register file



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com