Electronic Components Datasheet Search
  English  ▼

X  

UPD17705 Datasheet(PDF) 47 Page - NEC

Part # UPD17705
Description  4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DEDICATED HARDWARE FOR DIGITAL TUNING SYSTEM
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17705 Datasheet(HTML) 47 Page - NEC

Back Button UPD17705 Datasheet HTML 43Page - NEC UPD17705 Datasheet HTML 44Page - NEC UPD17705 Datasheet HTML 45Page - NEC UPD17705 Datasheet HTML 46Page - NEC UPD17705 Datasheet HTML 47Page - NEC UPD17705 Datasheet HTML 48Page - NEC UPD17705 Datasheet HTML 49Page - NEC UPD17705 Datasheet HTML 50Page - NEC UPD17705 Datasheet HTML 51Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 356 page
background image
47
µPD17704, 17705, 17707, 17708, 17709
5.3.2 Function of address register
The address register specifies a program memory address when the table reference instruction (“MOVT DBF,
@AR”), stack manipulation instruction (“PUSH AR”, “POP AR”), indirect branch instruction (“BR @AR”), or
indirect subroutine call instruction (“CALL @AR”) is executed.
A dedicated instruction (“INC AR”) is available that can increment the contents of the address instruction by
one.
The following paragraphs (1) through (5) describe the operation of the address register when the respective
instructions are executed.
(1) Table reference instruction (“MOVT DBF, @AR”)
When the table reference instruction is executed, the constant data (16 bits) of a program memory
address specified by the contents of the address register are read to the data buffer.
The constant data that can be specified by the address register is stored to address 0000H to 1FFFH
in the case of
µPD17704, address 0000H to 2FFFH in the case of the µPD17705 and 17707, and address
0000H to 3FFFH in the case of the
µPD17708 and 17709.
(2) Stack manipulation instruction (“PUSH AR”, “POP AR”)
When the “PUSH AR” instruction is executed, the value of the stack pointer is decremented by one, and
the contents of the address register (AR) are transferred to an address stack register specified by the
stack pointer whose value has been decremented by one.
When the “POP AR” instruction is executed, the contents of an address stack register specified by the
stack pointer are transferred to the address register, and the value of the stack pointer is incremented
by one.
(3) Indirect branch instruction (“BR @AR”)
When this instruction is executed, the program branches to a program memory address specified by the
contents of the address register.
The branch address that can be specified by the address register is 0000H to 1FFFH in the case of
µPD17704, 0000H to 2FFFH in the case of the µPD17705 and 17707, and 0000H to 3FFFH in the case
of the
µPD17705 and 17708 and 17709.
(4) Indirect subroutine call instruction (“CALL @AR”)
The subroutine at a program memory address specified by the contents of the address register can be
called.
The first address of the subroutine that can be specified by the address register is 0000H to 1FFFH in
the case of the
µPD17704, 0000H to 2FFFH in the case of the µPD17705 and 17707, and 0000H to 3FFFH
in the case of the
µPD17708 and 17709.
(5) Address register increment instruction (“INC AR”)
This instruction increments the contents of the address register by one.
5.3.3 Address register and data buffer
The address register can transfer data as part of the peripheral hardware via the data buffer.
For details, refer to 9. DATA BUFFER (DBF).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com