Electronic Components Datasheet Search
  English  ▼

X  

UPD17705 Datasheet(PDF) 23 Page - NEC

Part # UPD17705
Description  4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DEDICATED HARDWARE FOR DIGITAL TUNING SYSTEM
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17705 Datasheet(HTML) 23 Page - NEC

Back Button UPD17705 Datasheet HTML 19Page - NEC UPD17705 Datasheet HTML 20Page - NEC UPD17705 Datasheet HTML 21Page - NEC UPD17705 Datasheet HTML 22Page - NEC UPD17705 Datasheet HTML 23Page - NEC UPD17705 Datasheet HTML 24Page - NEC UPD17705 Datasheet HTML 25Page - NEC UPD17705 Datasheet HTML 26Page - NEC UPD17705 Datasheet HTML 27Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 356 page
background image
23
µPD17704, 17705, 17707, 17708, 17709
1.4 Cautions on Using CE, INT0 through INT4, and RESET Pins
The CE, INT0 through INT4, and RESET pins have a function to set a test mode in which the internal
operations of the
µPD17709 are tested (IC test), in addition to the functions listed in 1.1 Pin Function List.
When a voltage exceeding VDD is applied to any of these pins, the device is set in the test mode. If a noise
exceeding VDD is superimposed during normal operation, therefore, the test mode is set by mistake, hindering
the normal operation.
Especially if the wiring length of pins is too long, noise is superimposed on these pins. In consequence,
the above problem occurs.
Therefore, keep the wiring length as short as possible to prevent noise from being superimposed.
If
superimposition of noise is unavoidable, connect an external component as illustrated below to suppress the
noise.
•
Connect a diode with low VF
•
Connect a capacitor between a pin and VDD.
between a pin and VDD.
1.5 Cautions on Using TEST Pin
When VDD is applied to the TEST pin, the device is set in the test mode. Therefore, be sure to keep the wiring
length of this pin as short as possible, and directly connect it to the GND pin.
If the wiring length between the TEST pin and GND pin is too long, or if external noise is superimposed on
the TEST pin, generating a potential difference between the TEST pin and GND pin, your program may not run
normally.
CE, INT0-INT4, RESET
VDD
CE, INT0-INT4, RESET
VDD
Diode with
low VF
VDD
VDD
GND TEST
Short



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com