Electronic Components Datasheet Search
  English  ▼

X  

UPD17705 Datasheet(PDF) 76 Page - NEC

Part # UPD17705
Description  4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DEDICATED HARDWARE FOR DIGITAL TUNING SYSTEM
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17705 Datasheet(HTML) 76 Page - NEC

Back Button UPD17705 Datasheet HTML 72Page - NEC UPD17705 Datasheet HTML 73Page - NEC UPD17705 Datasheet HTML 74Page - NEC UPD17705 Datasheet HTML 75Page - NEC UPD17705 Datasheet HTML 76Page - NEC UPD17705 Datasheet HTML 77Page - NEC UPD17705 Datasheet HTML 78Page - NEC UPD17705 Datasheet HTML 79Page - NEC UPD17705 Datasheet HTML 80Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 356 page
background image
µPD17704, 17705, 17707, 17708, 17709
76
Table 8-1. Peripheral Hardware Control Functions of Control Registers (7/8)
Peripheral
Control Register
Peripheral Hardware Control Function
At Reset
Clock
Hardware
Name
Address
Read/
Function
Set value
Power- WDT
CE
Stop
Write
Symbol
ON
& SP
reset
01
reset
reset
Interrupt INT0 pin interrupt
3EH
R/W
INT0
Detects INT0 pin status
Low level
High level
UUUU
request
0
Fixed to “0”
0
0
Retained Retained
0
IRQ0
Detects INT0 pin interrupt request No interrupt request Interrupt request
CE pin interrupt
3FH
R
CE
Detects CE pin status
Low level
High level
UUUU
request
0
Fixed to “0”
0000
CECNTSTT Detects CE reset counter status
Stops
Operates
R/W
IRQCE
Detects CE pin interrupt request No interrupt request Interrupt request
00
R
R
IF
FCG channel
20H
R/W
0
Fixed to “0”
0000
counter
selection
0
FCGCH1
Sets pin to be used as FCG
FCGCH0
IF counter gate
21H
R
0
Fixed to “0”
0000
status detection
0
0
IFCGOSTT
Detects IF counter gate status
Closed
Open
IF counter
22H
R/W
IFCMD1
Sets IF counter mode
0000
mode selection
IFCMD0
IFCCK1
Sets IF counter gate time and
IFCCK0
FCG count frequency
IF counter
23H
W
0
Fixed to “0”
0000
control
0
IFCSTRT
Starts or stops IF counter
Nothing affected Starts counter
IFCRES
Resets IF counter data
Nothing affected Starts counter
A/D
A/D converter
24H
R/W
0
Fixed to “0”
0
0
Retained Retained
converter channel
ADCCH2
Selects pin used for A/D converter
selection
ADCCH1
ADCCH0
A/D converter
25H
R/W
0
Fixed to “0”
0000
mode selection
ADCMD
Selects comparison mode of
Software mode Hardware mode
Retained Retained
A/D converter
R
ADCSTT
Detects operating status of
Conversion ends
Converting
0
0
A/D converter
ADCCMP
Detects comparison result of
VADCREF > VADCIN VADCREF < VADCIN
0
Retained
A/D converter
U: Undefined
R: Retained
00
1
1
FCG
FCG0 FCG1 Setting
not used
pin
pin
prohibited
01
0
1
0011
FCG
AMIFC
FMIFC
AMIFC2
0101
0
011
1ms,
4 ms,
8 ms,
Open,
1 kHz 100 kHz 900 kHz Setting
prohibited
0
101
0: A/D converter not used
1: P0D0/AD0 pin
2: P0D1/AD1pin
3: P0D2/AD2 pin
4: P0D3/AD3 pin
5: P1C2/AD4 pin
6: P1C3/AD5 pin
7: Setting prohibited
b3
b2
b1
b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com