Electronic Components Datasheet Search
  English  ▼

X  

UPD17705 Datasheet(PDF) 97 Page - NEC

Part # UPD17705
Description  4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DEDICATED HARDWARE FOR DIGITAL TUNING SYSTEM
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17705 Datasheet(HTML) 97 Page - NEC

Back Button UPD17705 Datasheet HTML 93Page - NEC UPD17705 Datasheet HTML 94Page - NEC UPD17705 Datasheet HTML 95Page - NEC UPD17705 Datasheet HTML 96Page - NEC UPD17705 Datasheet HTML 97Page - NEC UPD17705 Datasheet HTML 98Page - NEC UPD17705 Datasheet HTML 99Page - NEC UPD17705 Datasheet HTML 100Page - NEC UPD17705 Datasheet HTML 101Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 356 page
background image
97
µPD17704, 17705, 17707, 17708, 17709
Table 11-1. Relationships between Port (Pin) and Port Register (2/3)
Port
Pin
Data Setting Method
No.
Symbol
I/O
Port register (data memory)
Bank
Address
Symbol
Bit symbol
(reserved word)
Port 1A
2
P1A3
Input
BANK1
70H
P1A
b3
P1A3
3
P1A2
b2
P1A2
4
P1A1
b1
P1A1
5
P1A0
b0
P1A0
Port 1B
17
P1B3
Output
71H
P1B
b3
P1B3
18
P1B2
b2
P1B2
19
P1B1
b1
P1B1
20
P1B0
b0
P1B0
Port 1C
26
P1C3
Input
72H
P1C
b3
P1C3
27
P1C2
b2
P1C2
28
P1C1
b1
P1C1
29
P1C0
b0
P1C0
Port 1D
37
P1D3
I/O (bit I/O)
73H
P1D
b3
P1D3
38
P1D2
b2
P1D2
39
P1D1
b1
P1D1
40
P1D0
b0
P1D0
Port 2A
No pin
I/O (bit I/O)
BANK2
70H
P2A
b3
–
14
P2A2
b2
P2A2
15
P2A1
b1
P2A1
16
P2A0
b0
P2A0
Port 2B
43
P2B3
I/O (bit I/O)
71H
P2B
b3
P2B3
44
P2B2
b2
P2B2
45
P2B1
b1
P2B1
46
P2B0
b0
P2B0
Port 2C
55
P2C3
I/O
72H
P2C
b3
P2C3
56
P2C2
(bit I/O)
b2
P2C2
57
P2C1
b1
P2C1
58
P2C0
b0
P2C0
Port 2D
No pin
I/O (bit I/O)
73H
P2D
b3
–
71
P2D2
b2
P2D2
72
P2D1
b1
P2D1
73
P2D0
b0
P2D0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com