Electronic Components Datasheet Search
  English  ▼

X  

UPD17705 Datasheet(PDF) 82 Page - NEC

Part # UPD17705
Description  4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DEDICATED HARDWARE FOR DIGITAL TUNING SYSTEM
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17705 Datasheet(HTML) 82 Page - NEC

Back Button UPD17705 Datasheet HTML 78Page - NEC UPD17705 Datasheet HTML 79Page - NEC UPD17705 Datasheet HTML 80Page - NEC UPD17705 Datasheet HTML 81Page - NEC UPD17705 Datasheet HTML 82Page - NEC UPD17705 Datasheet HTML 83Page - NEC UPD17705 Datasheet HTML 84Page - NEC UPD17705 Datasheet HTML 85Page - NEC UPD17705 Datasheet HTML 86Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 356 page
background image
µPD17704, 17705, 17707, 17708, 17709
82
Table 8-2. Control Functions of Port Input/Output Selection Registers (1/2)
Peripheral
Port Input/Output Selection Register
Control Function
At Reset
Clock
Hardware
Name
Address
Read/
Function
Set value
Power- WDT
CE
Stop
(BANK15)
Write
Symbol
ON
& SP
reset
01
reset
reset
Input/
Port 0D pull-
66H
R/W
P0DPLD3
Selects pull-down resistor of P0D3 pin
Pull-down
Pull-down
00
Retained Retained
output
down resistor
P0DPLD2
Selects pull-down resistor of P0D2 pin
resistor used resistor not used
port
selection
P0DPLD1
Selects pull-down resistor of P0D1 pin
P0DPLD0
Selects pull-down resistor of P0D0 pin
Group I/O
67H
R/W
P3DGIO
Selects input/output of port 3D
Input
Output
0
0
Retained Retained
selection
P3CGIO
Selects input/output of port 3C
P3BGIO
Selects input/output of port 3B
P3AGIO
Selects input/output of port 3A
Port 2D bit I/O
68H
R/W
0
Fixed to “0”
0
0
Retained Retained
selection
P2DBIO2
Selects input/output of port P2D2
Input
Output
P2DBIO1
Selects input/output of port P2D1
P2DBIO0
Selects input/output of port P2D0
Port 2C bit I/O
69H
R/W
P2CBIO3
Selects input/output of port P2C3
Input
Output
0
0
Retained Retained
selection
P2CBIO2
Selects input/output of port P2C2
P2CBIO1
Selects input/output of port P2C1
P2CBIO0
Selects input/output of port P2C0
Port 2B bit I/O
6AH
R/W
P2BBIO3
Selects input/output of port P2B3
Input
Output
0
0
Retained Retained
selection
P2BBIO2
Selects input/output of port P2B2
P2BBIO1
Selects input/output of port P2B1
P2BBIO0
Selects input/output of port P2B0
Port 2A bit I/O
6BH
R/W
0
Fixed to “0”
0
0
Retained Retained
selection
P2ABIO2
Selects input/output of port P2A2
Input
Output
P2ABIO1
Selects input/output of port P2A1
P2ABIO0
Selects input/output of port P2A0
Port 1D bit I/O
6CH
R/W
P1DBIO3
Selects input/output of port P1D3
Input
Output
0
0
Retained Retained
selection
P1DBIO2
Selects input/output of port P1D2
P1DBIO1
Selects input/output of port P1D1
P1DBIO0
Selects input/output of port P1D0
Port 0C bit I/O
6DH
R/W
P0CBIO3
Selects input/output of port P0C3
Input
Output
0
0
Retained Retained
selection
P0CBIO2
Selects input/output of port P0C2
P0CBIO1
Selects input/output of port P0C1
P0CBIO0
Selects input/output of port P0C0
Port 0B bit I/O
6EH
R/W
P0BBIO3
Selects input/output of port P0B3
Input
Output
0
0
Retained Retained
selection
P0BBIO2
Selects input/output of port P0B2
P0BBIO1
Selects input/output of port P0B1
P0BBIO0
Selects input/output of port P0B0
b3
b2
b1
b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com