Electronic Components Datasheet Search
  English  ▼

X  

UPD17705 Datasheet(PDF) 83 Page - NEC

Part # UPD17705
Description  4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DEDICATED HARDWARE FOR DIGITAL TUNING SYSTEM
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17705 Datasheet(HTML) 83 Page - NEC

Back Button UPD17705 Datasheet HTML 79Page - NEC UPD17705 Datasheet HTML 80Page - NEC UPD17705 Datasheet HTML 81Page - NEC UPD17705 Datasheet HTML 82Page - NEC UPD17705 Datasheet HTML 83Page - NEC UPD17705 Datasheet HTML 84Page - NEC UPD17705 Datasheet HTML 85Page - NEC UPD17705 Datasheet HTML 86Page - NEC UPD17705 Datasheet HTML 87Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 356 page
background image
83
µPD17704, 17705, 17707, 17708, 17709
Table 8-2. Control Functions of Port Input/Output Selection Registers (2/2)
Peripheral
Port Input/Output Selection Register
Control Function
At Reset
Clock
Hardware
Name
Address
Read/
Function
Set value
Power- WDT
CE
Stop
(BANK15)
Write
Symbol
ON
& SP
reset
01
reset
reset
Input/
Port 0A bit I/O
6FH
R/W
P0ABIO3
Selects input/output of port P0A3
Input
Output
0
0
Retained Retained
output
selection
P0ABIO2
Selects input/output of port P0A2
port
P0ABIO1
Selects input/output of port P0A1
P0ABIO0
Selects input/output of port P0A0
b3
b2
b1
b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com