Electronic Components Datasheet Search
  English  ▼

X  

SD600N Datasheet(PDF) 4 Page - International Rectifier

Part # SD600N
Description  STANDARD RECOVERY DIODES Stud Version
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

SD600N Datasheet(HTML) 4 Page - International Rectifier

  SD600N Datasheet HTML 1Page - International Rectifier SD600N Datasheet HTML 2Page - International Rectifier SD600N Datasheet HTML 3Page - International Rectifier SD600N Datasheet HTML 4Page - International Rectifier SD600N Datasheet HTML 5Page - International Rectifier SD600N Datasheet HTML 6Page - International Rectifier SD600N Datasheet HTML 7Page - International Rectifier SD600N Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
SD600N/R Series
Outlines Table
Case Style B-8
All dimensions in millimeters (inches)
Case Style B-8 with top thread terminal 3/8"
All dimensions in millimeters (inches)
26 (1.023) MAX.
10.5 (0.41) DIA.
12 (0.47) MIN.
38 (1.5)
DIA. MAX.
CERAMIC HOUSING
SW 45
C.S. 70mm
5(0.20) ± 0.3(0.01)
2
3/4"-16UNF-2A *
* FOR METRIC DEVICE: M24 x 1.5 - SCREW LENGTH — 21(0.83) MAX.
38 (1.5)
DIA. MAX.
CERAMIC HOUSING
SW 45
3/4"-16UNF-2A *
3/8"-24UNF-2A
17 (0.67) DIA.
* FOR METRIC DEVICE: M24 x 1.5 - SCREW LENGTH — 21(0.83) M
To Order
Next Data Sheet
Index
Previous Datasheet



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com