Electronic Components Datasheet Search
  English  ▼

X  

SD600N Datasheet(PDF) 6 Page - International Rectifier

Part # SD600N
Description  STANDARD RECOVERY DIODES Stud Version
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

SD600N Datasheet(HTML) 6 Page - International Rectifier

  SD600N Datasheet HTML 1Page - International Rectifier SD600N Datasheet HTML 2Page - International Rectifier SD600N Datasheet HTML 3Page - International Rectifier SD600N Datasheet HTML 4Page - International Rectifier SD600N Datasheet HTML 5Page - International Rectifier SD600N Datasheet HTML 6Page - International Rectifier SD600N Datasheet HTML 7Page - International Rectifier SD600N Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
SD600N/R Series
25
50
75
100
125
150
Maximum Allowable Ambient Temperature (°C)
1 K/ W
R
=
0.0
2
K/W
- D
elt
a
R
0.0
4
K/W
0.0
6
K/W
0.1
K/ W
0.2 K
/ W
0.4 K/W
0
100
200
300
400
500
600
700
800
900
0
100
200
300
400
500
600
180°
120°
90°
60°
30°
RMSLimit
Conduction Angle
M
a
x
im
u
m
A
v
e
ra
g
e
F
o
rw
a
rd
P
o
w
e
r
L
o
s
s
(W
)
Average Forward Current (A)
SD600N/RSeries
(2500V to 3200V)
T = 150°C
J
25
50
75
100
125
150
Maximum Allowable Ambient Temperature (°C)
1 K/W
R
= 0
.02
K/W
- D
elta
R
th
SA
0.04
K/ W
0.0
6 K
/ W
0.1
K/ W
0.2 K
/W
0.4K/W
0
100
200
300
400
500
600
700
800
900
1000
1100
0
100 200 300 400 500 600 700 800 900
DC
180°
120°
90°
60°
30°
RMSLimit
Conduction Period
M
a
x
im
u
m
A
v
e
ra
g
e
F
o
rw
a
rd
P
o
w
e
r
L
o
s
s
(W
)
Average Forward Current (A)
SD600N/RSeries
(2500V to 3200V)
T = 150°C
J
Fig. 7 - Forward Power Loss Characteristics
Fig. 8 - Forward Power Loss Characteristics
20
40
60
80
100 120 140 160 180
Maximum Allowa ble Ambient Temp erature (°C)
1 K/W
R
=
0.0
2
K/W
- D
e
lta
R
0.0
4
K/W
0.0
8
K/
W
0.1
K/W
0.2
K/ W
0.4K/W
0.6 K/ W
1.8 K/ W
0
1 0 0
2 0 0
3 0 0
4 0 0
5 0 0
6 0 0
7 0 0
8 0 0
9 0 0
1 0 0 0
1 1 0 0
0
2 0 0
4 0 0
6 0 0
8 0 0
1 0 0 0
DC
180°
120°
90°
60°
30°
RMSLimit
Conduction Period
M
a
x
im
u
m
A
v
e
ra
g
e
F
o
rw
a
rd
P
o
w
e
r
L
o
s
s
(W
)
Average Forward Current (A)
SD600N/ RSeries
(400V to 2000V)
T = 180°C
J
Fig. 6 - Forward Power Loss Characteristics
To Order
Next Data Sheet
Index
Previous Datasheet



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com