Electronic Components Datasheet Search
  English  ▼

X  

SD600N Datasheet(PDF) 1 Page - International Rectifier

Part # SD600N
Description  STANDARD RECOVERY DIODES Stud Version
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

SD600N Datasheet(HTML) 1 Page - International Rectifier

  SD600N Datasheet HTML 1Page - International Rectifier SD600N Datasheet HTML 2Page - International Rectifier SD600N Datasheet HTML 3Page - International Rectifier SD600N Datasheet HTML 4Page - International Rectifier SD600N Datasheet HTML 5Page - International Rectifier SD600N Datasheet HTML 6Page - International Rectifier SD600N Datasheet HTML 7Page - International Rectifier SD600N Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Typical Applications
Converters
Power supplies
Machine tool controls
High power drives
Medium traction applications
Parameters
Units
SD600N/R
04 to 20
25 to 32
I
F(AV)
600
600
A
@ T
C
92
54
°C
I
F(RMS)
940
940
A
I
FSM
@ 50Hz
13000
10500
A
@ 60Hz
13600
11000
A
I
2t@ 50Hz
845
551
K A
2
s
@ 60Hz
772
503
K A
2
s
V
RRM
range
400 to 2000
2500 to 3200
V
T
J
-40 to 180
- 40 to 150
°C
Major Ratings and Characteristics
case style
B-8
SD600N/R SERIES
STANDARD RECOVERY DIODES
600A
Stud Version
Bulletin I2070/B
Features
Wide current range
High voltage ratings up to 3200V
High surge current capabilities
Stud cathode and stud anode version
Standard JEDEC types
Next Data Sheet
Index
Previous Datasheet
To Order


Similar Part No. - SD600N

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SD600N VISHAY-SD600N Datasheet
187Kb / 9P
Standard Recovery Diodes
17-Apr-08
SD600N/R VISHAY-SD600N/R Datasheet
187Kb / 9P
Standard Recovery Diodes (Stud Version), 600 A
17-Apr-08
SD600N/R04 VISHAY-SD600N/R04 Datasheet
201Kb / 9P
Standard Recovery Diodes (Stud Version), 600 A
17-Apr-08
SD600N/R08 VISHAY-SD600N/R08 Datasheet
201Kb / 9P
Standard Recovery Diodes (Stud Version), 600 A
17-Apr-08
SD600N/R12 VISHAY-SD600N/R12 Datasheet
201Kb / 9P
Standard Recovery Diodes (Stud Version), 600 A
17-Apr-08
More results

Similar Description - SD600N

ManufacturerPart #DatasheetDescription
logo
International Rectifier
130HF IRF-130HF Datasheet
309Kb / 6P
STANDARD RECOVERY DIODES Stud Version
200HF IRF-200HF Datasheet
180Kb / 6P
STANDARD RECOVERY DIODES Stud Version
70300U IRF-70300U Datasheet
210Kb / 7P
STANDARD RECOVERY DIODES Stud Version
SD150N IRF-SD150N Datasheet
211Kb / 7P
STANDARD RECOVERY DIODES Stud Version
SD500N IRF-SD500N Datasheet
191Kb / 6P
STANDARD RECOVERY DIODES Stud Version
logo
Naina Semiconductor ltd...
12NS NAINA-12NS_1 Datasheet
117Kb / 2P
Standard Recovery Diodes (Stud Version)
16NS NAINA-16NS Datasheet
114Kb / 2P
Standard Recovery Diodes (Stud Version)
25NS NAINA-25NS Datasheet
109Kb / 2P
Standard Recovery Diodes (Stud Version)
55NS NAINA-55NS Datasheet
113Kb / 2P
Standard Recovery Diodes (Stud Version)
16NS NAINA-16NS_11 Datasheet
115Kb / 2P
Standard Recovery Diodes (Stud Version)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com