Electronic Components Datasheet Search
  English  ▼

X  

SD600N Datasheet(PDF) 5 Page - International Rectifier

Part # SD600N
Description  STANDARD RECOVERY DIODES Stud Version
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

SD600N Datasheet(HTML) 5 Page - International Rectifier

  SD600N Datasheet HTML 1Page - International Rectifier SD600N Datasheet HTML 2Page - International Rectifier SD600N Datasheet HTML 3Page - International Rectifier SD600N Datasheet HTML 4Page - International Rectifier SD600N Datasheet HTML 5Page - International Rectifier SD600N Datasheet HTML 6Page - International Rectifier SD600N Datasheet HTML 7Page - International Rectifier SD600N Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
SD600N/R Series
20
40
60
80
100 120 140 160 180
Maximum Allowable Ambient Temperature (°C)
1 K/W
0.0
8
K/
W
0.1
K/W
0.2
K/ W
0.4 K/
W
0.6 K
/ W
1.8 K/W
0
1 0 0
2 0 0
3 0 0
4 0 0
5 0 0
6 0 0
7 0 0
8 0 0
0
1 0 0
2 0 0
3 0 0
4 0 0
5 0 0
6 0 0
180°
120°
90°
60°
30°
RMSLimit
Conduction Angle
M
a
x
im
u
m
A
v
e
ra
g
e
F
o
rw
a
rd
P
o
w
e
r
L
o
s
s
(W
)
Average Forward Current (A)
SD600N/ RSeries
(400V to 2000V)
T = 180°C
J
Fig. 5 - Forward Power Loss Characteristics
50
60
70
80
90
100
110
120
130
140
150
0
100
200
300
400
500
600
700
30°
60°
90°
120°
180°
Average Forward Current (A)
Conduction Angle
SD600N/ RSeries(2500V to 3200V)
R
(DC) = 0.1 K/ W
thJC
30
40
50
60
70
80
90
100
110
120
130
140
150
0
200
400
600
800
1000
30°
60°
90°
180°
DC
120°
Avera ge Forward Current (A)
Conduction Period
SD600N/RSeries (2500V to 3200V)
R
(DC) = 0.1 K/ W
thJC
Fig. 3 - Current Ratings Characteristics
Fig. 4 - Current Ratings Characteristics
Fig. 1 - Current Ratings Characteristics
Fig. 2 - Current Ratings Characteristics
70
80
90
100
110
120
130
140
150
160
170
180
0
200
400
600
800
1000
30°
60°
90°
180°
DC
120°
Average Forward Current (A)
Conduction Period
R
(DC) = 0.1 K/ W
thJC
SD600N/RSeries (400V to 2000V)
80
90
100
110
120
130
140
150
160
170
180
0
100
200
300
400
500
600
700
30°
60°
90°
120°
180°
Average Forward Current (A)
Conduction Angle
R
(DC) = 0.1 K/W
thJC
SD600N/ RSeries (400V to 2000V)
To Order
Next Data Sheet
Index
Previous Datasheet



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com