Electronic Components Datasheet Search
  English  ▼

X  

SD600N Datasheet(PDF) 2 Page - International Rectifier

Part # SD600N
Description  STANDARD RECOVERY DIODES Stud Version
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

SD600N Datasheet(HTML) 2 Page - International Rectifier

  SD600N Datasheet HTML 1Page - International Rectifier SD600N Datasheet HTML 2Page - International Rectifier SD600N Datasheet HTML 3Page - International Rectifier SD600N Datasheet HTML 4Page - International Rectifier SD600N Datasheet HTML 5Page - International Rectifier SD600N Datasheet HTML 6Page - International Rectifier SD600N Datasheet HTML 7Page - International Rectifier SD600N Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
SD600N/R Series
SD600N/R
35
Voltage
V
RRM
, maximum repetitive
V
RSM
, maximum non-
I
RRM
max.
Type number
Code
peak reverse voltage
repetitive peak rev. voltage
@ T
J
= T
J
max.
VV
m A
04
400
500
08
800
900
12
1200
1300
16
1600
1700
20
2000
2100
25
2500
2600
28
2800
2900
32
3200
3300
ELECTRICAL SPECIFICATIONS
Voltage Ratings
I
F(AV)
Max. average forward current
600
600
A
180° conduction, half sine wave
@ Case temperature
92
54
°C
I
F(AV)
Max. average forward current
570
375
A
180° conduction, half sine wave
@ Case temperature
100
100
°C
I
F(RMS)
Max. RMS forward current
940
940
A
DC @ T
C
= 75°C (04 to 20), T
C
= 36°C (25 to 32)
I
FSM
Max. peak, one-cycle forward,
13000
10500
t = 10ms
No voltage
non-repetitive surge current
13600
11000
t = 8.3ms
reapplied
10900
8830
t = 10ms
100% V
RRM
11450
9250
t = 8.3ms
reapplied
Sinusoidal half wave,
I2t
Maximum I2t for fusing
845
551
t = 10ms
No voltage
Initial T
J
= T
J
max.
772
503
t = 8.3ms
reapplied
598
390
t = 10ms
100% V
RRM
546
356
t = 8.3ms
reapplied
I2
√t
Maximum I2
√t for fusing
8450
5510
KA2
√s
t = 0.1 to 10ms, no voltage reapplied
V
F(TO)1
Low level value of threshold
voltage
V
F(TO)2
High level value of threshold
voltage
r
f1
Low level value of forward
slope resistance
r
f2
High level value of forward
slope resistance
V
FM
Max. forward voltage drop
1.31
1.44
V
I
pk
= 1500A, T
J
= T
J
max, t
p
= 10ms sinusoidal wave
SD600N/R
04 to 20
25 to 32
Parameter
Units
Conditions
0.31
0.38
(I >
π x I
F(AV)
),T
J
= T
J
max.
0.35
0.40
(16.7% x
π x I
F(AV)
< I <
π x I
F(AV)
), T
J
= T
J
max.
m
Ω
0.87
0.88
(I >
π x I
F(AV)
),T
J
= T
J
max.
0.78
0.84
(16.7% x
π x I
F(AV)
< I <
π x I
F(AV)
), T
J
= T
J
max.
V
KA2s
A
Forward Conduction
Next Data Sheet
Index
Previous Datasheet
To Order



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com