Electronic Components Datasheet Search
  English  ▼

X  

SD600N Datasheet(PDF) 7 Page - International Rectifier

Part # SD600N
Description  STANDARD RECOVERY DIODES Stud Version
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

SD600N Datasheet(HTML) 7 Page - International Rectifier

  SD600N Datasheet HTML 1Page - International Rectifier SD600N Datasheet HTML 2Page - International Rectifier SD600N Datasheet HTML 3Page - International Rectifier SD600N Datasheet HTML 4Page - International Rectifier SD600N Datasheet HTML 5Page - International Rectifier SD600N Datasheet HTML 6Page - International Rectifier SD600N Datasheet HTML 7Page - International Rectifier SD600N Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
SD600N/R Series
2000
4000
6000
8000
10000
110
100
Number Of Equal Amp litud e Ha lf Cycle Current Pulses (N)
Initial T = 150°C
@60 Hz 0.0083 s
@50 Hz 0.0100 s
J
SD600N/ RSeries
(2500V to 3200V)
At Any Rated Load Condition And With
Rated V
App lied Following Surge.
RRM
2000
4000
6000
8000
10000
12000
0.01
0.1
1
Pulse Train Duration (s)
Initial T = 150 °C
No Voltage Reapplied
Rated V
Reapplied
J
RRM
VersusPulse Train Duration.
SD600N/RSeries
(2500V to 3200V)
Maximum Non Repetitive Surge Current
100
1000
10000
012
3
4
T = 25°C
J
Instantaneous Forward Voltage (V)
T = 180°C
J
SD600N/RSeries
(400V to 2000V)
100
1000
10000
012
34
5
T = 25°C
J
Instantaneous Forwa rd Voltag e (V)
T = 150°C
J
SD600N/ RSeries
(2500V to 3200V)
Fig. 13 - Forward Voltage Drop Characteristics
Fig. 14 - Forward Voltage Drop Characteristics
Fig. 11 - Maximum Non-Repetitive Surge Current
Fig. 12 - Maximum Non-Repetitive Surge Current
2000
4000
6000
8000
10000
12000
110
100
Number Of Equa l Amplitude Ha lf Cycle Current Pulses (N)
At Any Rated Load Condition And With
Rated V
Applied Following Surge.
RRM
Initial T = 180°C
@60 Hz 0.0083 s
@50 Hz 0.0100 s
J
SD600N/ RSeries
(400V to 2000V)
2000
4000
6000
8000
10000
12000
14000
0.01
0.1
1
Pulse Train Dura tion (s)
Maximum Non Repetitive Surge Current
Versus Pulse Train Duration.
Initial T = 180 °C
No Voltage Reapplied
Rated V
Reapplied
RRM
J
SD600N/ RSeries
(400V to 2000V)
Fig. 9 - Maximum Non-Repetitive Surge Current
Fig. 10 - Maximum Non-Repetitive Surge Current
To Order
Next Data Sheet
Index
Previous Datasheet



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com