Electronic Components Datasheet Search
  English  ▼

X  

AN458 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN458
Description  DISCONTINUOUS MODE POWER SWITCHING REGULATOR
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN458 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN458 Datasheet HTML 2Page - STMicroelectronics AN458 Datasheet HTML 3Page - STMicroelectronics AN458 Datasheet HTML 4Page - STMicroelectronics AN458 Datasheet HTML 5Page - STMicroelectronics AN458 Datasheet HTML 6Page - STMicroelectronics AN458 Datasheet HTML 7Page - STMicroelectronics AN458 Datasheet HTML 8Page - STMicroelectronics AN458 Datasheet HTML 9Page - STMicroelectronics AN458 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
AN458 APPLICATION NOTE
6/19
POWER DISSIPATION
It can be considered as the addition of three values:
Ptot = Psat + Pq + Psw where:
Psat: Saturation losses of the power transistor plus the sensing resistor power dissipation.
V32 = dropout voltage between input (pin 3) and output (pin 2).
For worst case (for I2 = 3A switch current) the V32 = 2V
Pq: Losses due to the stand-by current and to the power driving current.
In fig. 6 and fig. 7 are showed these two typical values of quiescent current. For the we worst case we can con-
sidered:
I’3q (0% d.c.) =13mA
I"3q (100% d.c.) = 17mA
Psw: Power transistor switching losses:
The fig. 8 shows the total power dissipation of the device.
For Vout > 5V the output current can be less then 1.5A. In fact we have to consider that the maximum power
dissipation for this device is 2W at Tamb of 70° and is this value that limits the output current value.
EFFICIENCY
The system efficiency is expressed by the following formula.
where PO = VO IO (with IO = Iload)
is the output power to the load and Pi is the input power absorbed by the system. Pi is given by PO plus all the
other system losses. The expression of the efficiency becomes threfore the following.
The three terms concerning the device power losses have already been discussed in the previous paragraph.
We examine now the last two terms concerning the external components losses.
Psat
V32 I
o
To n
T
-----------
V32 I
o
V
o
V
i
------
⋅⋅
=
⋅⋅
=
Pq
Vi I
′3q Vi I′′3q
t
on
T
-------
Vi I
′3q Vo I′′3q
⋅
+
⋅
==
⋅
+
⋅
=
Psw
Vi Io
tr
tf
+
2T
--------------
⋅
⋅
=
η%
P
O
P
I
------- 100
=
η
P
O
P
O
P
sa t
P
q
P
Sw
P
D
P
L
++
+
+
+
-----------------------------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com