Electronic Components Datasheet Search
  English  ▼

X  

AN458 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN458
Description  DISCONTINUOUS MODE POWER SWITCHING REGULATOR
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN458 Datasheet(HTML) 1 Page - STMicroelectronics

  AN458 Datasheet HTML 1Page - STMicroelectronics AN458 Datasheet HTML 2Page - STMicroelectronics AN458 Datasheet HTML 3Page - STMicroelectronics AN458 Datasheet HTML 4Page - STMicroelectronics AN458 Datasheet HTML 5Page - STMicroelectronics AN458 Datasheet HTML 6Page - STMicroelectronics AN458 Datasheet HTML 7Page - STMicroelectronics AN458 Datasheet HTML 8Page - STMicroelectronics AN458 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
1/19
AN458
APPLICATION NOTE
December 2003
The L4963 is a new monolithic stepdown switching regulator IC operating in discontinuous mode. This device,
able to deliver 1.5A to the load at a voltage of 5.1V and up to 36V with derated current, is designed to satisfy
very low cost applications due to the fact that the number of the external components are dramatically reduced.
Moreover the inductor value is reduced by a factor of three or four in comparison with a corresponding contin-
uous mode solution. Also the plastic package (Powerdip 12+3+3), that needs no heatsink, contributes to de-
creasing the cost of the overall application. Although the L4963 is intended for very low cost applications, it
integrates features like remote inhibit, reset and power-fail outputs for microprocessor. In the following we will
explain in detail its principle of operation and the criteria that regulate the choice of the external components.
CIRCUIT OPERATION
The L4963 operates in discontinuous mode. In principle in this kind of operation the energy stored in the inductor
is fully discharged to the load before to start a new cycle. To operate in this way, the device contains, in its reg-
ulation loop, additional blocks compared to the usual Error/Amplifier, Oscillator and Pulse Width Modulator used
in the continuous mode devices.
Figure 1. L4963 Block Diagram
by M. Roncoroni
DESIGNING WITH THE L4963 MONOLITHIC
DISCONTINUOUS MODE POWER SWITCHING REGULATOR
The L4963 is a new switching regulator designed to operate in discontinuous mode, reducing the num-
ber of the external components, giving a very cost effective solution. This application note explains how
the device operates and how it can be used. Typical application circuits are also described.


Similar Part No. - AN458

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN4586 STMICROELECTRONICS-AN4586 Datasheet
630Kb / 19P
Signal conditioning, differential to single-ended amplification
27-Oct-2014
AN4587 STMICROELECTRONICS-AN4587 Datasheet
6Mb / 14P
Input bias current of a chopper amplifier
28-Oct-2014
More results

Similar Description - AN458

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2362 NJRC-NJM2362 Datasheet
317Kb / 9P
CURRET MODE FLYBACK PWM SWITCHING REGULATOR
logo
Linear Technology
LT1507 LINER-LT1507 Datasheet
343Kb / 20P
500kHz Monolithic Buck Mode Switching Regulator
logo
List of Unclassifed Man...
STR-G5653 ETC2-STR-G5653 Datasheet
29Kb / 1P
Power Switching Regulator
logo
Intersil Corporation
ISL8560 INTERSIL-ISL8560 Datasheet
1,023Kb / 17P
DC/DC Power Switching Regulator Voltage feedforward mode
September 19, 2008
logo
STMicroelectronics
TN0023 STMICROELECTRONICS-TN0023 Datasheet
70Kb / 7P
Discontinuous flyback transformer
03-Aug-2012
logo
Linear Technology
LT1507 LINER-LT1507_15 Datasheet
302Kb / 20P
500kHz Monolithic Buck Mode Switching Regulator
logo
Fairchild Semiconductor
AN-9066 FAIRCHILD-AN-9066 Datasheet
438Kb / 8P
Optimized Switch for Discontinuous Current Mode Power Factor Correction
logo
STMicroelectronics
STEVAL-ILB001V2 STMICROELECTRONICS-STEVAL-ILB001V2 Datasheet
115Kb / 4P
Discontinuous-conduction mode
23-Sep-2010
logo
Taiwan Semiconductor Co...
TS19730CX6 TSC-TS19730CX6 Datasheet
209Kb / 7P
Discontinuous Conduction Mode Control
logo
Sanken electric
SSC2102S SANKEN-SSC2102S Datasheet
600Kb / 21P
Discontinuous Conduction Mode (DCM) Interleaved PFC IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com