Electronic Components Datasheet Search
  English  ▼

X  

AN458 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN458
Description  DISCONTINUOUS MODE POWER SWITCHING REGULATOR
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN458 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN458 Datasheet HTML 4Page - STMicroelectronics AN458 Datasheet HTML 5Page - STMicroelectronics AN458 Datasheet HTML 6Page - STMicroelectronics AN458 Datasheet HTML 7Page - STMicroelectronics AN458 Datasheet HTML 8Page - STMicroelectronics AN458 Datasheet HTML 9Page - STMicroelectronics AN458 Datasheet HTML 10Page - STMicroelectronics AN458 Datasheet HTML 11Page - STMicroelectronics AN458 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
AN458 APPLICATION NOTE
8/19
PD – Losses due to the recirculation diode
These losses increase as Vi increase, as in this case the ON time of the diode is greater.
where VF is the forward voltage of the recirculation diode at current IO.
PL – Losses due to the coil
Wecan divide these losses in two parts: core losses and copper losses.
The core losses for molypermalloy powder cores are given by the following formula.
where W = watt/lb
f = KHz
N = number of turns
Ae = core cross section (cm2)
copper losses:
N = number of turns
MLT = lenght/turn for 20% of winding factor
ρ = copper resistivity (1.72 10E-6Wcm)
Refer to table 1 for some
ρ/Aw suggest values.
Table 1.
Typical efficiencies obtained with the test and application circuit of fig. 20 are shown below.
DEVICE DESCRIPTION
Fig.11 shows the pin connection of the Powerdip 12+3+3 plastic package. The internal block diagram of the de-
vice is shown in fig.1. Each block will now be examined in detail.
AWG
Diameter Copper (cm)
OHMS/CM 20C
OHMS/CM 100C
18
.102
.000209
.000280
19
.091
.000264
.000353
20
.081
.000333
.000445
21
.072
.000420
.000561
22
.064
.000530
.000708
PD
VF I
O
V
i
V
O
–
V
i
-------------------
VF I
O
1
V
O
V
i
-------
–


⋅⋅
=
⋅⋅
=
W
0.568 f
1.23
B
2.56
⋅⋅
=
B
KGauss
V
i
V
O
–
() V
O
10
8
⋅⋅
NAe f V
I
⋅⋅
⋅
--------------------------------------------------
==
P
ρl
2
oMLT N
⋅
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com