Electronic Components Datasheet Search
  English  ▼

X  

AN458 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN458
Description  DISCONTINUOUS MODE POWER SWITCHING REGULATOR
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN458 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN458 Datasheet HTML 6Page - STMicroelectronics AN458 Datasheet HTML 7Page - STMicroelectronics AN458 Datasheet HTML 8Page - STMicroelectronics AN458 Datasheet HTML 9Page - STMicroelectronics AN458 Datasheet HTML 10Page - STMicroelectronics AN458 Datasheet HTML 11Page - STMicroelectronics AN458 Datasheet HTML 12Page - STMicroelectronics AN458 Datasheet HTML 13Page - STMicroelectronics AN458 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
AN458 APPLICATION NOTE
10/19
When we are operating in self-oscillating mode, the comparator that senses the free-wheeling status disables
the oscillator pulses output until the inductor is fully discharged, varying in this way the switching frequency. It
is also possible to disable the oscillator forcing the system to operate always in self-oscillating mode, connec-
tingtogether the internal oscillator capacitor (pin.17) with the voltage reference pin.11.
Figure 12. Oscillator Circuit
CURRENT LIMITATION
Output overload protection is provided by a current limiter circuit. The load current is sensed by an internal metal
resistor (Rs) in series to the power transistor. When the voltage drop on the sense resistor, reaches the current
comparator offset voltage, the current comparator generates a reset pulse for the latch, disabling the power
stage.
Typical current limiting threshold is around 4.5A. The power stage will be enabled again only when the energy
stored in the inductor will be completely discharged, this due to the free-wheeling sense comparator (see Circuit
operation paragraph for details).
The current limiting circuit operates also as softstart during the device turn-on preventing overcurrents on the
load. In fig.13 is shown the simplified internal schematic circuit of the current limiter.
RESET
The reset circuit accomplishes a very important function when the L4963 is used in applications where it feeds
microprocessors and logic devices. The function block diagram is shown in Fig.14. The Reset circuit monitors
the output voltage and generates a logic signal when the output voltage is within the limits required to supply
correctly the microprocessor.
This function is realized through three pins:
s
Feedback input (pin.12)
s
Reset delay (pin.9)
s
Reset output (pin.10)
When the monitored voltage on pin.12 is lower than 5V, the comparator (A) output is high and the reset delay
capacitor is not charged because the transistor Q1 is saturated, also the transistor Q2 is saturated, mantaining
the voltage on pin.10 at low level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com