Electronic Components Datasheet Search
  English  ▼

X  

AN458 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN458
Description  DISCONTINUOUS MODE POWER SWITCHING REGULATOR
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN458 Datasheet(HTML) 5 Page - STMicroelectronics

  AN458 Datasheet HTML 1Page - STMicroelectronics AN458 Datasheet HTML 2Page - STMicroelectronics AN458 Datasheet HTML 3Page - STMicroelectronics AN458 Datasheet HTML 4Page - STMicroelectronics AN458 Datasheet HTML 5Page - STMicroelectronics AN458 Datasheet HTML 6Page - STMicroelectronics AN458 Datasheet HTML 7Page - STMicroelectronics AN458 Datasheet HTML 8Page - STMicroelectronics AN458 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
5/19
AN458 APPLICATION NOTE
In overload or in short circuit conditions, the switching frequency decreases below the minimum limit fixed in
standard operative conditions (fmin). For this reason is important to select a fmin with margin to avoid values
inside the audible range in worst case. Too low inductance values are not suitable because the increased ripple
current in the core may generate too high ripple voltage in the output.
Example:
We want to use the L4963 in an application in the following conditions:
Vi = 15V to 35V
Vo = 5V
Io = 1.5A (max)
fmin > 25KHz
Vcesat= 1.5V
VF = 1V
The right inductance for this application is calculated as follows:
Suggested value for L is in this case 40
µH that corresponds to about a 15% less the max. allowed inductance.
OUTPUT CAPACITOR SELECTION
All the considerations for the choice of the filter capacitor in a system working in continuous mode are still valid
in a discontinuous mode operation (Ref. L296 Appl.note). Let summarize the results with some useful sugges-
tion for this specific system.
The Ripple Voltage imposed on the D.C. output voltage is given by the sum of two terms. The first term (Vc),
depends from ILpeak, Switch. Frequency and Cout values and the second (VESR) is due to Equivalent Series
Resistance (ESR) of the capacitor multiplied by the ILpeak current.
Vo = Vc + VESR
(6)
Where:
(7)
(8)
Once fixed the amount of ripple voltage desired for the application, with the first term we determine the minimum
suitable capacitor value and with the second one we determine the maximum ESR acceptable.
Normally, for frequencies above 20KHz, the maximum ESR defines the choice of the filter capacitor value. In
general, lower capacitor values have higher ESR ratings, so higher output capacitors than is calculated in eq.
(7) should be used.
To guarantee a proper operation of the internal Error Amplifier, the minimum ripple voltage in the output must
exceeds 15mV, to ensure a minimum voltage difference across its input terminals.
D
max
51
+
15
1.5
–
1
+
------------------------------
0.41
==
L
15
1.5
–
5
–
() 0.41
()
⋅
2 1.5 25 10
3
–
⋅⋅
⋅
--------------------------------------------------------
46
µH
=
≤
V
c
I
Lp eak
8C
out
f
⋅⋅
-------------------------
2I
Lpea k
8C
out
f
⋅⋅
-------------------------
I
out
4C
out
f
⋅⋅
-------------------------
==
=
V
ESR
I
Lp eack
ESR
2 I
out
ESR
⋅⋅
=
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com