Electronic Components Datasheet Search
  English  ▼

X  

AN458 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN458
Description  DISCONTINUOUS MODE POWER SWITCHING REGULATOR
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN458 Datasheet(HTML) 3 Page - STMicroelectronics

  AN458 Datasheet HTML 1Page - STMicroelectronics AN458 Datasheet HTML 2Page - STMicroelectronics AN458 Datasheet HTML 3Page - STMicroelectronics AN458 Datasheet HTML 4Page - STMicroelectronics AN458 Datasheet HTML 5Page - STMicroelectronics AN458 Datasheet HTML 6Page - STMicroelectronics AN458 Datasheet HTML 7Page - STMicroelectronics AN458 Datasheet HTML 8Page - STMicroelectronics AN458 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
3/19
AN458 APPLICATION NOTE
The operation frequency is equal to the clock frequency, that is determined by the resistor Rt, connected be-
tween pin. 17 and ground:
In fig.3 are shown the voltage and current waveforms associated to this mode of operation.
Figure 3. Fixed Frequency Operation
Referring again to the block diagram in fig. 1, and with a given inductor L, we suppose to have a load current
that reduces the Dead Time toff" to zero. At this point we suppose that the clock send a set pulse to the latch
and the power stage turns on. The current in the inductor grows from zero up to its peak value (Ipeak=2Iout) fol-
lowing the law stated in Eq. 1.
If the peak current is below the Current Limitation threshold, it is again the Error Amplifier that turns off the power
stage and the inductor will discharge following the eq. 2.
If the system is not able to discharge completely the inductor during the maximum toff time allowed by the fixed
frequency operating mode an internal comparator, (which compares the voltage on the free-wheeling diode
cathode with a precise internal reference Vr = -100mV) will mantain the power stage off until the inductor will be
completely discharged.
This comparator prevents the discharge of the internal timing capacitor Ct, until the Energy in the inductor is
completely discharged and the diode D ceases to conduct (see fig.4).
f
osc KHz
()
0.033
R
t K Ω
()
--------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com