Electronic Components Datasheet Search
  English  ▼

X  

UPD178024GC Datasheet(PDF) 47 Page - NEC

Part # UPD178024GC
Description  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD178024GC Datasheet(HTML) 47 Page - NEC

Back Button UPD178024GC Datasheet HTML 43Page - NEC UPD178024GC Datasheet HTML 44Page - NEC UPD178024GC Datasheet HTML 45Page - NEC UPD178024GC Datasheet HTML 46Page - NEC UPD178024GC Datasheet HTML 47Page - NEC UPD178024GC Datasheet HTML 48Page - NEC UPD178024GC Datasheet HTML 49Page - NEC UPD178024GC Datasheet HTML 50Page - NEC UPD178024GC Datasheet HTML 51Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 56 page
background image
47
µPD178023, 178024
Data Sheet U14126EJ1V0DS00
APPENDIX A. DEVELOPMENT TOOLS
The following development tools are available for development of systems using the
µPD178023, 178024
subseries.
(1) Language processor software
RA78K0Notes 1, 2, 3
Assembler package common to 78K/0 series
CC78K0Notes 1, 2, 3
C compiler package common to 78K/0 series
DF178124Notes 1, 2, 3
Device file for
µPD178024 subseries
CC78K0-LNotes 1, 2, 3
C compiler library source file common to 78K/0 series
(2) Flash memory writing tools
Fashpro III (Part number:
Dedicated flash writer
FL-PR3Note 4, PG-FL3)
FA-80GFNote 4
Flash memory writing adapter
FA-80GC-8BTNote 4
(3) Debugging tools
• When in-circuit emulator IE-78K0-NS is used
IE-78K0-NS
In-circuit emulator common to 78K/0 series
IE-70000-MC-PS-B
Power supply unit for IE-78K0-NS
IE-78K0-NS-PANote 5
Performance board for enhancing and expanding the IE-78K0-NS function
IE-70000-98-IF-C
Interface adapter necessary when a PC-9800 series (except notebook-type PC) is used as host
machine (C bus supported)
IE-70000-CD-IF-A
PC card and interface cable necessary when a notebook-type PC is used as host machine
(PCMCIA socket supported)
IE-70000-PC-IF-C
Interface adapter when a IBM PC/ATTM compatible machine is used (ISA bus supported)
IE-70000-PCI-IF
Interface adapter necessary when a PC with a PCI bus is used as host machine
IE-178134-NS-EM1Note 5
Emulation board for emulating the
µPD178024 subseries
NP-80GFNote 4
Emulation probe for 80-pin plastic QFP (GF-3B9 type)
EV-9200G-80
Socket to be mounted on the board of the target system for 80-pin plastic QFP (GF-3B9 type)
NP-80GCNote 4
Emulation probe for 80-pin plastic QFP (GC-8BT type)
EV-9200GC-80
Socket to be mounted on the board of the target system for 80-pin plastic QFP (GC-8BT type)
SM78K0Notes 1, 2
System simulator common to 78K/0 series
ID78K0-NSNotes 1, 2
Integrated debugger common to 78K/0 series
DF178124Notes 1, 2, 3
Device file for
µPD178024 subseries
Notes 1. PC-9800 series (MS-DOSTM + WindowsTM) based
2. IBM PC/AT compatible machine (Japanese/English Windows) based
3. HP9000 series 700TM (HP-UXTM) based, SPARCstationTM (SunOSTM, SolarisTM) based, NEWSTM
(NEW-OSTM) based
4. Products of Naito Densei Machida Mfg. Co., Ltd. (Tel: 044-822-3813). Consult NEC distributor when
purchasing these products.
5. Under development
Remark Use the RA78K0, CC78K0, and SM78K0 in combination with the DF178124.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com