Electronic Components Datasheet Search
  English  ▼

X  

AN2755 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN2755
Description  400 W FOT-controlled PFC pre-regulator with the L6562A
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2755 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN2755 Datasheet HTML 7Page - STMicroelectronics AN2755 Datasheet HTML 8Page - STMicroelectronics AN2755 Datasheet HTML 9Page - STMicroelectronics AN2755 Datasheet HTML 10Page - STMicroelectronics AN2755 Datasheet HTML 11Page - STMicroelectronics AN2755 Datasheet HTML 12Page - STMicroelectronics AN2755 Datasheet HTML 13Page - STMicroelectronics AN2755 Datasheet HTML 14Page - STMicroelectronics AN2755 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
AN2755
Test results and significant waveforms
11/24
To maximally benefit from the THD optimizer circuit, the high-frequency filter capacitors after
the bridge rectifier should be minimized, compatibly with EMI filtering needs. A large
capacitance, in fact, introduces a conduction dead-angle of the AC input current in itself thus
reducing the effectiveness of the optimizer circuit.
2.3
Overvoltage protection and disable function
The L6562A is equipped by an OVP, monitoring the current flowing through the
compensation network and entering in the error amplifier (pin COMP, #2). When this current
reaches about 24 µA the output voltage of the multiplier is forced to decrease, thus reducing
the energy drawn from the mains. If the current exceeds 27 µA, the OVP is triggered
(dynamic OVP), and the external power transistor is switched off until the current falls
approximately below 7 µA. However, if the overvoltage persists (e.g. in case the load is
completely disconnected), the error amplifier eventually saturates low hence triggering an
internal comparator (static OVP) that keeps the external power switch turned off until the
output voltage comes back close to the regulated value.
The OVP function described above is able to handle abnormal overload conditions, i.e.
those resulting from an abrupt load/line change or occurring at startup.
The INV pin doubles its function as a non-latched IC disable. A voltage below 0.2 V shuts
down the IC and reduces its consumption to a lower value. To restart the IC, the voltage on
the pin must exceed 0.45 V. The main usage of this function is a remote ON/OFF control
input that can be driven by a PWM controller for power management purposes. However it
also offers a certain degree of additional safety since it causes the IC to shut down in case
the lower resistor of the output divider is shorted to ground or if the upper resistor is missing
or fails to open.
Figure 19.
EVL6562A-400W inductor current
ripple envelope at 230 Vac - 50 Hz -
full load
Figure 20.
EVL6562A-400W Inductor current
ripple (detail) at 230 Vac-50 Hz -
full load
●
CH1: Q1/Q2 drain voltage
●
CH2: I L inductor current ripple envelope
●
CH3: MULT voltage - pin #3
●
CH1: Q1/Q2 drain voltage
●
CH2: I L inductor current ripple envelope
●
CH3: MULT voltage - pin #3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com