Electronic Components Datasheet Search
  English  ▼

X  

AN2755 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN2755
Description  400 W FOT-controlled PFC pre-regulator with the L6562A
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2755 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN2755 Datasheet HTML 16Page - STMicroelectronics AN2755 Datasheet HTML 17Page - STMicroelectronics AN2755 Datasheet HTML 18Page - STMicroelectronics AN2755 Datasheet HTML 19Page - STMicroelectronics AN2755 Datasheet HTML 20Page - STMicroelectronics AN2755 Datasheet HTML 21Page - STMicroelectronics AN2755 Datasheet HTML 22Page - STMicroelectronics AN2755 Datasheet HTML 23Page - STMicroelectronics AN2755 Datasheet HTML 24Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
PFC coil specification
AN2755
20/24
8
PFC coil specification
8.1
General description and characteristics
●
Application type: consumer, home appliance
●
Inductor type: open
●
Coil former: vertical type, 6+6 pins
●
Max. temp. rise: 45 ºC
●
Max. operating ambient temperature: 60 ºC
8.2
Electrical characteristics
●
Converter topology: boost PFC pre-regulator, FOT control
●
Core type: PQ40-30 material grade PC44 or equivalent
●
Max. operating frequency: 100 kHz
●
Primary inductance: 500
µH 10 % at 1 kHz - 0.25 V (a)
●
Primary RMS current: 4.75 A
Figure 28.
Electrical diagram
a.
Measured between pins 1-2 and 5-6
Table 3.
Winding characteristics
Start pins
End pins
Number
of turns
Wire type
Wire
diameter
Notes
11
8
5 (spaced)
Single – G2
0.28Ø
Bottom
5 - 6
1 - 2
65
Multistrand – G2
Litz 0.2Ø x 30
Top
1 - 2
5 - 6
11
8
Primary
Auxiliary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com