Electronic Components Datasheet Search
  English  ▼

X  

AN2755 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN2755
Description  400 W FOT-controlled PFC pre-regulator with the L6562A
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2755 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN2755 Datasheet HTML 13Page - STMicroelectronics AN2755 Datasheet HTML 14Page - STMicroelectronics AN2755 Datasheet HTML 15Page - STMicroelectronics AN2755 Datasheet HTML 16Page - STMicroelectronics AN2755 Datasheet HTML 17Page - STMicroelectronics AN2755 Datasheet HTML 18Page - STMicroelectronics AN2755 Datasheet HTML 19Page - STMicroelectronics AN2755 Datasheet HTML 20Page - STMicroelectronics AN2755 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
AN2755
Bill of material
17/24
7
Bill of material
Table 2.
Bill of material
Ref.
Des.
Part type-
part value
Case/
Package
Description
Supplier
C1
470 nF - X2
DWG
X2 film capacitor R46-I 3470--M1-
ARCOTRONICS
C10
22 nF
1206
100 V SMD cercap - general purpose
AVX
C11
470 nF
1206
50 V SMD cercap - general purpose
AVX
C12
100 uF
DIA8X11
(MM)
Aluminium elcap - YXF SERIES -
105 °C
Rubycon
C13
220 nF
0805
50 V SMD cercap - general purpose
AVX
C14
2.2 uF
1206
50 V SMD cercap - general purpose
AVX
C15
100 pF
0805
50 V SMD cercap - general purpose
AVX
C16
120 pF
0805
50 V SMD cercap - general purpose
AVX
C2
470 n F - X2
DWG
X2 film capacitor R46-I 3470--M1-
Arcotronics
C20
330 pF
0805
50 V SMD cercap - general purpose
AVX
C21
10 nF
1206
50 V SMD cercap - general purpose
AVX
C3
680 nF - X2
DWG
X2 film capacitor R46-I 3680--M1-
Arcotronics
C4
470 nF / 630 V
DWG
Film capacitor MKP - B32653A6474J
EPCOS
C5
470 nF / 630 V
DWG
Film capacitor MKP - B32653A6474J
EPCOS
C6
470 nF / 630 V
DWG
Film capacitor MKP- B32653A6474J
EPCOS
C7
330 uF / 450 V
DIA 35x35
(MM)
Aluminium elcap - LLS series - 85 °C
Nichicon
C8
RES
DWG
Not used
-
C9
RES
DWG
D1
1N5406
DO-201
Standard recovery rectifier
Vishay
D2
D15XB60
DWG
Rectifier bridge
Shindengen
D3
STTH8R06
TO-220FP
Ultrafast high voltage rectifier
STMicroelectronics
D4
LL4148
MINIMELF
Fast switching diode
Vishay
D5
BZX85-C18
MINIMELF
Zener diode
D6
LL4148
MINIMELF
Fast switching diode
D7
LL4148
MINIMELF
Fast switching diode
D8
LL4148
MINIMELF
Fast switching diode
F1
8A/250V
5x20 MM
8 A mains input fuse
Wickmann
J1
3-pins conn. (central rem.) P 3.96 KK series
Molex
J2
5-pins conn. (central rem.) P 3.96 KK series
JP101
JUMPER
Wire jumper



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com