Electronic Components Datasheet Search
  English  ▼

X  

AN2755 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN2755
Description  400 W FOT-controlled PFC pre-regulator with the L6562A
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2755 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN2755 Datasheet HTML 10Page - STMicroelectronics AN2755 Datasheet HTML 11Page - STMicroelectronics AN2755 Datasheet HTML 12Page - STMicroelectronics AN2755 Datasheet HTML 13Page - STMicroelectronics AN2755 Datasheet HTML 14Page - STMicroelectronics AN2755 Datasheet HTML 15Page - STMicroelectronics AN2755 Datasheet HTML 16Page - STMicroelectronics AN2755 Datasheet HTML 17Page - STMicroelectronics AN2755 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
Thermal measures
AN2755
14/24
5
Thermal measures
In order to check the design reliability, a thermal mapping by means of an IR camera was
done. Figure 22 and 23 show thermal measures on the board component side at nominal
input voltages and full load. Some pointers visible on the pictures placed across key
components show the relevant temperature. Table 1 provides the correlation between
measured points and components for both thermal maps. The ambient temperature during
both measurements was 27 °C. According to these measurement results, all components of
the board are working within their temperature limits.
Figure 22.
Thermal map at 115 Vac - 60 Hz - full load
Figure 23.
Thermal map at 230 Vac - 50 Hz - full load
°C
80.6
73.9
67.2
60.5
53.8
47.1
40.4
33.7
26.9
°C
79.9
73.2
66.6
60.0
53.3
46.7
40.0
33.4
26.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com