Electronic Components Datasheet Search
  English  ▼

X  

AN2755 Datasheet(PDF) 19 Page - STMicroelectronics

Part # AN2755
Description  400 W FOT-controlled PFC pre-regulator with the L6562A
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2755 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button AN2755 Datasheet HTML 15Page - STMicroelectronics AN2755 Datasheet HTML 16Page - STMicroelectronics AN2755 Datasheet HTML 17Page - STMicroelectronics AN2755 Datasheet HTML 18Page - STMicroelectronics AN2755 Datasheet HTML 19Page - STMicroelectronics AN2755 Datasheet HTML 20Page - STMicroelectronics AN2755 Datasheet HTML 21Page - STMicroelectronics AN2755 Datasheet HTML 22Page - STMicroelectronics AN2755 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
AN2755
Bill of material
19/24
Ref.
Des.
Part type-
part value
Case/
Package
Description
Supplier
R3
100 K
1206
SMD STD film res - 5% - 250 ppm / °C
BC components
R31
3 k
0805
SMD STD film res - 1% - 100 ppm / °C
R32
620 k
1206
SMD STD film res - 5% - 250 ppm / °C
R33
620 k
1206
SMD STD film res - 5% - 250 ppm / °C
R34
10 k
1206
SMD STD film res - 5% - 250 ppm / °C
R35
3R9
0805
SMD STD film res - 5% - 250 ppm / °C
R36
3R9
0805
SMD STD film res - 5% - 250 ppm / °C
R4
100 K
1206
SMD STD film res - 5% - 250 ppm / °C
R5
47 R
1206
SMD STD film res - 5% - 250 ppm / °C
R9
510 k
1206
SMD STD film res - 1% - 250 ppm / °C
R101
0R0
1206
SMD STD film res - 5% - 250 ppm / °C
R102
0R0
1206
SMD STD film res - 5% - 250 ppm / °C
U1
L6562AD
SO-8
Transition-mode PFC controller
STMicroelectronics
Table 2.
Bill of material (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com