Electronic Components Datasheet Search
  English  ▼

X  

AN2755 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN2755
Description  400 W FOT-controlled PFC pre-regulator with the L6562A
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2755 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN2755 Datasheet HTML 8Page - STMicroelectronics AN2755 Datasheet HTML 9Page - STMicroelectronics AN2755 Datasheet HTML 10Page - STMicroelectronics AN2755 Datasheet HTML 11Page - STMicroelectronics AN2755 Datasheet HTML 12Page - STMicroelectronics AN2755 Datasheet HTML 13Page - STMicroelectronics AN2755 Datasheet HTML 14Page - STMicroelectronics AN2755 Datasheet HTML 15Page - STMicroelectronics AN2755 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
Layout hints
AN2755
12/24
3
Layout hints
The layout of any converter is a very important phase in the design process that sometimes
does not have enough attention from the engineers. Even if it the layout phase sometimes
looks time-consuming, a good layout does save time during the functional debugging and
the qualification phases. Additionally, a power supply circuit with a correct layout needs
smaller EMI filters or less filter stages which allows consistent cost savings.
The L6562A does not need any special attention to the layout, just the general layout rules
for any power converter have to be carefully applied. Basic rules are listed below, using the
EVL6562A-400W schematic as a reference. They can be used for other PFC circuits having
any power level, working either in FOT or TM control.
1.
Keep power and signal RTNs separated. Connect the return pins of component-
carrying high currents such as C4, C5 (input filter), sense resistors, and C6, C7 (output
capacitors) as close as possible. This point is the RTN star point. A downstream
converter must be connected to this return point.
2.
Minimize the length of the traces relevant to L3, boost inductor L4, boost rectifier D4
and output capacitor C6 and C7.
3.
Keep signal components as close as possible to each L6562A relevant pin. Specifically,
keep the tracks relevant to pin #1 (INV) net as short as possible. Components and
traces relevant to the error amplifier have to be placed far from traces and connections
carrying signals with high dv/dt like the MOSFET drains (Q1 and Q2).
4.
Connect heat sinks to power GND.
5.
Add an external shield to the boost inductor and connect it to power GND.
6.
Connect a ceramic capacitor (100 ÷ 470 uF) to pin #8 (Vcc) and to pin #6 (GND) and
close to the L6562A. Connect pin #6 (GND) to the RTN star point (see 1).
Figure 21.
EVL6562A-400W PCB layout (not 1:1 scaled)
 
PFC PRECONDITIO NER
USING L6562A FO T
PFC PRECONDITIO NER
USING L6562A FO T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com