Electronic Components Datasheet Search
  English  ▼

X  

UM0422 Datasheet(PDF) 6 Page - STMicroelectronics

Part # UM0422
Description  Constant current controller for high brightness LEDs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0422 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button UM0422 Datasheet HTML 2Page - STMicroelectronics UM0422 Datasheet HTML 3Page - STMicroelectronics UM0422 Datasheet HTML 4Page - STMicroelectronics UM0422 Datasheet HTML 5Page - STMicroelectronics UM0422 Datasheet HTML 6Page - STMicroelectronics UM0422 Datasheet HTML 7Page - STMicroelectronics UM0422 Datasheet HTML 8Page - STMicroelectronics UM0422 Datasheet HTML 9Page - STMicroelectronics UM0422 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Pin functions
UM0422
6/14
3
Pin functions
4
Description of the board
The evaluation board module (EVM) is configured as constant current supply. An external
power source ranging from 4.5 V to 40 V must be connected to the VCC and GND pins of J1
connector.
For proper operation, the minimum input voltage must always be:
Equation 2
where
is the total forward voltage of all series connected LEDs and VDROPout_MAX
is the maximum voltage between drain and GND with a current on ILEDs equal to 1.5 A.
Table 2.
Pin function
Pin.
No.
Symbol
Function
1
VCC
Supply voltage. Must be closely decoupled to ground.
2PWM
PWM dimming input. With PWM high the internal power MOSFET is turned on
and the LEDs current goes to the set value. With PWM low the power MOSFET
is turned off and the LEDs current goes to zero. While the PWM input is
switching, the overall circuitry remains on. This is necessary and needed in
order to implement two important features: short delay time and controlled slope
for the current.
3EN
Shutdown pin. With EN high the STCS1 is in ON mode. When the EN pin is low
the device is completely off and the current consumption is less than 1 µA.
4
DRAIN
Internal power N-MOSFET drain.
5FB
Internal power N-MOSFET source. This pin is the voltage pin feedback. The
control loop regulates the voltage in this pin to 100 mV. The LEDs current is set
with an external sensing resistor connected between this pin and GND.
6
GND
Ground pin.
7SLOPE
STCS1A capacitor for slope control. This pin permits setting the slope of the rise
and fall edge of LEDs current. The rise and fall slope of the current is controlled
by the CSLOPE capacitor. The slope control is achieved charging/discharging
CSLOPE with a constant current.
If this pin is not connected the slope control feature is disable and the STCS1A
part has the same behavior of STCS1.
8DISC
Open drain logic output. If VDRAIN is lower than 75 mV, the DISC pin is pulled
low regardless of the PWM pin status. This information can be used by the
system to alert that a problem occurs in the LEDs.
Exposed
pad
Connect to the ground plane for effective power dissipation. The exposed pad is
internally connected to ground.
V
INMIN
nV
FMAX
•
V
DROPoutMAX
+
=
-
-
-
nV
FMAX
•
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com