Electronic Components Datasheet Search
  English  ▼

X  

UM0422 Datasheet(PDF) 1 Page - STMicroelectronics

Part # UM0422
Description  Constant current controller for high brightness LEDs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0422 Datasheet(HTML) 1 Page - STMicroelectronics

  UM0422 Datasheet HTML 1Page - STMicroelectronics UM0422 Datasheet HTML 2Page - STMicroelectronics UM0422 Datasheet HTML 3Page - STMicroelectronics UM0422 Datasheet HTML 4Page - STMicroelectronics UM0422 Datasheet HTML 5Page - STMicroelectronics UM0422 Datasheet HTML 6Page - STMicroelectronics UM0422 Datasheet HTML 7Page - STMicroelectronics UM0422 Datasheet HTML 8Page - STMicroelectronics UM0422 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
February 2008
Rev 2
1/14
UM0422
User manual
Constant current controller for high brightness LEDs
Introduction
The recent improvements in high power light-emitting diode (LED) technology with 100
lumens per LED chip and efficiency higher than that of incandescent lamps bring solid state
lighting close to reality. Light-emitting diodes (LEDs) have become very popular in the area
of general lighting as a replacement technology for low voltage lighting. Customers are
recognizing the advantages of using LED lighting which include long operating life, no fragile
glass, and low voltage DC operated.
LEDs are now available in higher and higher wattages per package (1 W, 3 W and 5 W) with
currents up to 1.5 A. At these current levels, the traditional means of limiting current with a
resistor are not sufficiently accurate nor efficient. It is well known that the brightness of LEDs
is proportional to the forward current. The best way to supply LEDs is to control the forward
current in order to get a good match of the output light. LED manufacturers specify the
characteristics (such as lumens, beam pattern, color) of their devices at a specified forward
current (IF) but they do not specify these characteristics at a specific forward voltage (VF). In
order to better control the LED current under several application conditions,
STMicroelectronics has developed the STCS1, a device which not only guarantees a
constant LED current but also provides useful features that make the device suitable for
different applications such as advertising signs, automotive interior and exterior lighting, and
emergency vehicle warning lights. This document describes how to use the STCS1
evaluation board. It includes a schematic diagram, bill of materials (BOM), and test data.
Figure 1.
STCS1A evaluation board
Table 1.
Device summary
Description
Order code
STCS1A evaluation board
STCS1ADEMO1
www.st.com


Similar Part No. - UM0422

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UM0425 STMICROELECTRONICS-UM0425 Datasheet
347Kb / 11P
STLED316S Front panel LED controller/driver
05-Jun-2007
UM0428 STMICROELECTRONICS-UM0428 Datasheet
841Kb / 27P
IGBT Power module evaluation kit - Semitop2 power board
26-Jul-2007
More results

Similar Description - UM0422

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC3230 MICREL-MIC3230 Datasheet
597Kb / 20P
Constant Current Boost Controller for Driving High Power LEDs
logo
National Semiconductor ...
LM3405 NSC-LM3405_08 Datasheet
181Kb / 6P
Powering and Dimming High-Brightness LEDs with the LM3405 Constant-Current Buck Regulator
logo
Micrel Semiconductor
MIC3230 MICREL-MIC3230_1 Datasheet
667Kb / 19P
Constant Current Boost Controller for Driving High Power LEDs
MIC3230 MICREL-MIC3230_11 Datasheet
723Kb / 19P
Constant Current Boost Controller for Driving High Power LEDs
logo
Texas Instruments
TPS92510 TI1-TPS92510 Datasheet
1Mb / 25P
1.5-A Constant-Current Buck Converter for High-Brightness LEDs with Integrated LED Thermal Foldback
logo
STMicroelectronics
STEVAL-ILL014V1 STMICROELECTRONICS-STEVAL-ILL014V1 Datasheet
148Kb / 4P
Evaluation board for the STCS1 constant current controller for high brightness LEDs
05-May-2008
logo
Texas Instruments
TPS92510 TI1-TPS92510_12 Datasheet
1Mb / 28P
1.5-A Constant-Current Buck Converter for High-Brightness LEDs with Integrated LED Thermal Foldback
LM3424 TI1-LM3424_14 Datasheet
1Mb / 62P
Constant Current N-Channel Controller with Thermal Foldback for Driving LEDs
logo
Grenergy Opto, lnc.
GR6004 GRENERGY-GR6004 Datasheet
756Kb / 13P
Constant Current Switching Converter for High Brightness LED Driving
logo
Shenzhen Huazhimei Semi...
HM9950 HMSEMI-HM9950 Datasheet
775Kb / 9P
brightness LED constant current drive controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com