Electronic Components Datasheet Search
  English  ▼

X  

UM0422 Datasheet(PDF) 8 Page - STMicroelectronics

Part # UM0422
Description  Constant current controller for high brightness LEDs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0422 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button UM0422 Datasheet HTML 4Page - STMicroelectronics UM0422 Datasheet HTML 5Page - STMicroelectronics UM0422 Datasheet HTML 6Page - STMicroelectronics UM0422 Datasheet HTML 7Page - STMicroelectronics UM0422 Datasheet HTML 8Page - STMicroelectronics UM0422 Datasheet HTML 9Page - STMicroelectronics UM0422 Datasheet HTML 10Page - STMicroelectronics UM0422 Datasheet HTML 11Page - STMicroelectronics UM0422 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Description of the board
UM0422
8/14
4.2
Setup
1.
Connect a power supply source between the VCC and GND pin of J1. The EVM
operates between 4.5 V and 40 V. Ensure that the input voltage never exceeds the
STCS1 absolute maximum input voltage rating of 45 V.
2.
Connect the LEDs between the LED anode (J1 - A) and LED cathode (J1 - K)
connection points.
3.
Connect VCC and A pins of J1 connector with a jumper to supply the LEDs branch.
4.
Enable jumper:
a)
En = GND shutdown
b)
En = 5 V ON mode
5.
Continuous current mode: PWM = 5 V
a)
Jumper between PWM and 5 V pins of J4 connector
b)
No jumper on J3 connector
6.
Dimming mode with the PWM signal of the oscillator implemented on evaluation board.
a)
No jumper on J4 connector
b)
Jumper on J3 connector
c)
R8: by changing the value of this resistor, the dimming frequency varies from
20 Hz up to 1.7 kHz
d)
R9: It is possible to change the duty cycle of the PWM signal from zero to 100%.
7.
Dimming mode with external PWM signal.
a)
No jumper on J3.
b)
External PWM signal between PWM-J4 and GND-J4 pins
J3/J4
PWM
Continuous current mode:
– J3: Floating
– J4: PWM and 5 V pins shorted.
PWM dimming mode with oscillator implemented on board.
In this configuration the PWM pin of STCS1 receives the PWM
signal generated by the oscillator on the board.
– J3: Shorted
– J4: Floating.
PWM dimming mode with external PWM signal:
– J3: Floating.
– J4: External PWM signal between PWM and GND pins.
J5
Slope
capacitor
– Floating: CSLOPE =1 nF and TRISE/FALL = 0.1 msec
– Shorted: CSLOPE =100 nF and TRISE/FALL = 10 msec
Table 3.
Input/output connections (continued)
Reference
designator
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com