Electronic Components Datasheet Search
  English  ▼

X  

UM0422 Datasheet(PDF) 10 Page - STMicroelectronics

Part # UM0422
Description  Constant current controller for high brightness LEDs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0422 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button UM0422 Datasheet HTML 6Page - STMicroelectronics UM0422 Datasheet HTML 7Page - STMicroelectronics UM0422 Datasheet HTML 8Page - STMicroelectronics UM0422 Datasheet HTML 9Page - STMicroelectronics UM0422 Datasheet HTML 10Page - STMicroelectronics UM0422 Datasheet HTML 11Page - STMicroelectronics UM0422 Datasheet HTML 12Page - STMicroelectronics UM0422 Datasheet HTML 13Page - STMicroelectronics UM0422 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Schematic and bill of materials
UM0422
10/14
5.2
Bill of materials (BOM)
Table 4.
Bill of materials
Qty
Ref.
Description
Part number
Manufacturer
Footprint
1
C1
22 nF ± 10%, X7R, 16 V
GRM188R71C223KA01
Murata
0603
1CSLOPE1
1 nF ± 10%, X7R, 16 V
GRM155R71C102KA01
Murata
0805
1
C3
1 µF± 10%, X7R, 50 V
GRM21BR71H105KA12
Murata
0805
4
CSLOPE2,
C7,C8,C9
100 nF ± 10%, X7R, 16 V
GRM219R71C104KA01
Murata
0805
1Cbypass
0.1 µF± 10%, X7R, 50 V
GRM21BR71H104KA01
Murata
0805
1
C6
0.33 µF± 10%, X7R, 16 V
GRM21BR71C334KA01
Murata
0805
1
D1
Disc LED
LH R974
1
D3
White LED
LXHLPW09 B
Lumileds
1
D4
Schottky diode
BAT46ZFILM
STMicroelectronics
SOD-123
1J1
CON4
2
J2,J4
CON3
1J3
CON2
1
J5
JUMPER
3
R4,R7
10 k
Ω, 1%, 1/16 W
0805
1
Rf
100
Ω, 1%, 1/16 W
0805
1Rsense
0.33
Ω ± 1%, 1/4 W
0805
2
R2,R1
18 k
Ω ± 1%, 1/4 W
0805
1
R3
6.8 k
Ω ± 1%, 1/4 W
0805
2
R5
1.8 k
Ω ± 1%, 1/4 W
0805
1
R6
330 ± 1%, 1/4 W
0805
1R8
Pot 1MEG
-
1R9
Pot 10 k
-
1
R10
220 k
Ω ± 1%,1/4 W
0805
1
R13
180 ± 1%, 1/4 W
0805
1
U1
Current control
STCS1APUR
STMicroelectronics
QFN 3X3-8L
1
U2
Comparator
TS3702IPT
STMicroelectronics
SOG.65M/8/
WG8.20/L3.17
1
U3
Voltage regulator
L78L05ABUTR
STMicroelectronics
SOT89



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com