Electronic Components Datasheet Search
  English  ▼

X  

UM0422 Datasheet(PDF) 4 Page - STMicroelectronics

Part # UM0422
Description  Constant current controller for high brightness LEDs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0422 Datasheet(HTML) 4 Page - STMicroelectronics

  UM0422 Datasheet HTML 1Page - STMicroelectronics UM0422 Datasheet HTML 2Page - STMicroelectronics UM0422 Datasheet HTML 3Page - STMicroelectronics UM0422 Datasheet HTML 4Page - STMicroelectronics UM0422 Datasheet HTML 5Page - STMicroelectronics UM0422 Datasheet HTML 6Page - STMicroelectronics UM0422 Datasheet HTML 7Page - STMicroelectronics UM0422 Datasheet HTML 8Page - STMicroelectronics UM0422 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Background
UM0422
4/14
1
Background
In designing a power supply for white high brightness LEDs, the main requirements are
efficiency, size, and cost of the complete solution.
LEDs are current-driven devices whose brightness is proportional to their forward current.
Forward current can be controlled in two ways: voltage mode and current mode. The first
method uses the LED V-I curve to determine what voltage has to be applied to the LED in
order to generate the desired forward current. This is typically accomplished by applying a
voltage source and using a ballast resistor as shown in Figure 2. The output voltage
required for the circuit in Figure 1 is given in Equation 1. This method does not provide
adequate current control or the system efficiency necessary for high current LEDs.
Figure 2.
Constant voltage control
Equation 1
Controlling current accurately is a challenge when each LED has a large manufacturing
tolerance in its forward voltage. The best way to drive the LEDs is to control the forward
current in order to eliminate the brightness variations due to forward voltage spread of the
LEDs. Figure 3 shows the STCS1 application diagram. In this case the controller regulates
the voltage across a current-sense resistor rather than regulating the output voltage.
R2
Voltage Regulator
Vin
Vout
VFB
R1
Vin
Rled
-
V
OUT
V
FB 1
R
1
R
2
-------
+
⎝⎠
⎛⎞ nV
FMAX
I
LED
R
LED
•
+
•
=
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com