Electronic Components Datasheet Search
  English  ▼

X  

UM0422 Datasheet(PDF) 7 Page - STMicroelectronics

Part # UM0422
Description  Constant current controller for high brightness LEDs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0422 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button UM0422 Datasheet HTML 3Page - STMicroelectronics UM0422 Datasheet HTML 4Page - STMicroelectronics UM0422 Datasheet HTML 5Page - STMicroelectronics UM0422 Datasheet HTML 6Page - STMicroelectronics UM0422 Datasheet HTML 7Page - STMicroelectronics UM0422 Datasheet HTML 8Page - STMicroelectronics UM0422 Datasheet HTML 9Page - STMicroelectronics UM0422 Datasheet HTML 10Page - STMicroelectronics UM0422 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
UM0422
Description of the board
7/14
The current regulation is accomplished by regulating the voltage across a current sense
resistor. The EVM does not operate correctly unless a load is placed between (J1-A) and
(J1-K). No-load condition is indicated by the turn-on of the LED D1. The EVM allows the
user to place one Lumileds LED LXHLPW09 directly soldered on the board. A different or a
higher number of LEDs may be used externally, by connecting the LED anode to J1-A and
the LED cathode to J1-K.
The evaluation board embeds an internal oscillator able to implement a PWM dimming
technique. The board gives the user the possibility to change both the frequency and the
duty cycle of the PWM signal using the corresponding R8 and R9 trimmer. The user is able
to change the average current on the LEDs branch by modifying the duty cycle of the PWM
signal between 0% to 100% using the R9 trimmer.
It is possible to send an external PWM signal to the PWM pin. This operation is
accomplished by providing the PWM signal between the PWM and GND pins of the J4
connector and keeping the J3 connector floating.
4.1
Input/output connections
Table 3 describes the input/output connections.
Table 3.
Input/output connections
Reference
designator
Name
Description
J1
Vin/LEDs
VCC and GND pins.
– Positive and negative connections to the input power supply
[4.5 V, 40 V].
If LED is mounted on the evaluation board:
–VCC and A pins shorted.
If external LEDs are used:
– Connecting the LEDs chain between A and K pins.
–VCC and A pins shorted to supply LEDs branch.
J2
Enable
Use this connector to enable and disable the controller.
– EN and the 5 V pins shorted to enable the controller.
– EN and the GND pins shorted to disable the controller.
– If EN pin is left open, the EVM does not operate correctly.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com