Electronic Components Datasheet Search
  English  ▼

X  

AN2435 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN2435
Description  TM sepic converter in PFC pre-regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2435 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN2435 Datasheet HTML 2Page - STMicroelectronics AN2435 Datasheet HTML 3Page - STMicroelectronics AN2435 Datasheet HTML 4Page - STMicroelectronics AN2435 Datasheet HTML 5Page - STMicroelectronics AN2435 Datasheet HTML 6Page - STMicroelectronics AN2435 Datasheet HTML 7Page - STMicroelectronics AN2435 Datasheet HTML 8Page - STMicroelectronics AN2435 Datasheet HTML 9Page - STMicroelectronics AN2435 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
Sepic topology for PFC converter
AN2435
6/25
Figure 3.
Sepic converter when the main switch is off
Figure 4.
Inductor L1 and inductor L2 current waveform
1.2
Sepic converter as a PFC circuit operating in transition mode
[1.]
In PFC applications, input voltage is the rectified main and it changes according to the
equation:
Equation 5
where
ϑ is 2 πfL, fL is the line frequency, and Vac is the rms value of the line voltage.
As switching frequency is in the range of some tenth of kHz, and thus much higher than the
line frequency, we can assume
ϑ is constant over each switching cycle.
The L6562 (see [2]) is a current mode controller dedicated to PFC applications. It is used in
this instance. It senses the MOSFET current and the input voltage of the converter (rectified
main), through a sense resistor and a resistor divider respectively. Cycle by cycle the
MOSFET is switched-off as the sensed current reaches a limit set by the controller. This limit
is proportional to the sensed input voltage so, the MOSFET peak current (IPK(t)) follows a
sinusoidal reference:
Equation 6
L2
L1
C2
M1
C1
D1
+
-
VC1=VIN
+
-
VIN
+
-
VOUT
IL2
IL1
IL1_0
Ton
t
Toff
IL1(t)
IL2(t)
IL2_0
IL1_pk
IL2_pk
V
IN ϑ
()
2V
ac
•ϑ
()
sin
•
=
I
PK t
() I
PK
ϑ
()
sin
•
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com