Electronic Components Datasheet Search
  English  ▼

X  

AN2435 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN2435
Description  TM sepic converter in PFC pre-regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2435 Datasheet(HTML) 4 Page - STMicroelectronics

  AN2435 Datasheet HTML 1Page - STMicroelectronics AN2435 Datasheet HTML 2Page - STMicroelectronics AN2435 Datasheet HTML 3Page - STMicroelectronics AN2435 Datasheet HTML 4Page - STMicroelectronics AN2435 Datasheet HTML 5Page - STMicroelectronics AN2435 Datasheet HTML 6Page - STMicroelectronics AN2435 Datasheet HTML 7Page - STMicroelectronics AN2435 Datasheet HTML 8Page - STMicroelectronics AN2435 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
Sepic topology for PFC converter
AN2435
4/25
1
Sepic topology for PFC converter
The most widely used topology in PFC applications is boost topology. It has two main
advantages:
1.
The power switch is a low sided one, unlike buck and buck-boost topology where it is an
hide side one and needs a floating driving circuit.
2.
The inductor is on the input side of the converter, limiting the slope of the input current.
The main disadvantage is that output voltage must always be higher then maximum input
voltage, which may limit some applications and may be a problem when a lower output
voltage is required.
Sepic topology has the above advantages and does not have the output voltage constraint.
As in buck-boost topology, output voltage can be higher or lower than the input voltage. An
additional advantage of sepic topology is that there are two inductors instead of one which
can be wounded in the same magnetic core. Using the proper turn ratio the input current
ripple can be reduced theoretically to zero and the input filter for the conducted electro-
magnetic interference strongly reduced (theoretically eliminated).
However, sepic topology, compared to boost topology, has the following disadvantages:
1.
The MOSFET and the output diode break-down voltages are higher as they are the
maximum reverse voltage when input and output voltages are summed (only output
voltage for boost converter).
2.
The current through the MOSFET is generally higher for the same output power.
1.1
Operation of the sepic converter
The basic schematic of the sepic converter is given in Figure 1.
Assuming that the average voltage across each inductor during one switching cycle, in
steady state operation, is zero, it can also be assumed than the average voltage over one
switching cycle across capacitor C1 equals the input voltage of the converter.
If capacitor C1 is not too small, the voltage ripple across C1 (VC1) is negligible, and it can be
assumed that over one switching cycle, this voltage stays constant and equals the input
voltage (VIN). This hypothesis (VC1= VIN) is the starting point for sepic converter analysis.
When the main switch (M1) of the sepic converter is on, input voltage is applied to inductor
L2 (see Figure 2). In steady state condition, the same voltage is applied to inductor L1 which
is in parallel with capacitor C1. The reverse voltage applied on diode D1 is the sum of the
input and output voltage (VIN + VOUT) and the current through M1 is the sum of the currents
through inductor L1 and inductor L2 (IL1 + IL2).
Across inductor L1 and inductor L2 we have the same voltages and the currents throug
them rise linearly with slopes inversely proportional to their inductances values.
When M1 is switched off (Figure 3), diode D1 starts to conduct and the energy previously
stored in inductor L1 and inductor L2 is released to restore the energy used up by capacitor
C1 and capacitor C2 when M1 was on. This energy also supplies the load. The voltage
across the MOSFET is the sum of the voltage across capacitor C1, which is equal to the
sum of the input and the output voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com