Electronic Components Datasheet Search
  English  ▼

X  

AN2435 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN2435
Description  TM sepic converter in PFC pre-regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2435 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN2435 Datasheet HTML 10Page - STMicroelectronics AN2435 Datasheet HTML 11Page - STMicroelectronics AN2435 Datasheet HTML 12Page - STMicroelectronics AN2435 Datasheet HTML 13Page - STMicroelectronics AN2435 Datasheet HTML 14Page - STMicroelectronics AN2435 Datasheet HTML 15Page - STMicroelectronics AN2435 Datasheet HTML 16Page - STMicroelectronics AN2435 Datasheet HTML 17Page - STMicroelectronics AN2435 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
Practical design example of a sepic converter
AN2435
14/25
The complete schematic of the circuit is given in Figure 13.
2.2
MOSFET (M1) selection
The MOSFET peak current value (IPK) is calculated using Equation 18. Substituting the
quantities given in the electrical specifications, the MOSFET peak current value is
IPK = 2.36 A. The RMS value of the current flowing through the MOSFET may be calculated
using Equation 33:
Equation 33
where:
Equation 34
Under the worst case scenario, the MOSFET and the output diode have to sustain a voltage
that is the sum of the maximum peak input voltage and the maximum output voltage.
Considering the electrical specifications above and a safety margin of 10%, the minimum
breakdown voltage (BDVSSMin) for M1 is:
Equation 35
To avoid large heat sink, the RMS value of the through current suggests using a MOSFET
with an RDSON not greater than 1.5 Ω. The selected MOSFET, the STP9NK70, has a
maximum RDSON of 1.2 Ω at 25 °C and a breakdown voltage of 700 V.
2.3
Diode D1 selection
The average value of the diode D1 current is the output current . The RMS value of the
current flowing through diode D1 can be calculated using the following formula:
Equation 36
Rated output current: IO
Output equivalent resistor
Table 1.
Design specification (continued)
Quantity
Value
I
O
P
O
V
O
-------
325mA
==
I
O
V
O
2
P
O
----------
615
Ω
==
I
M1RMS
I
PK
FK
vmin
()
3
------------------------
0.678A
=
=
K
vmin
2V
ACMIN RMS
()
•
V
O
-------------------------------------------------
=
B
DVSSMin
2V
ACmax
V
O
V
OVP
∆
++
•
() 1.1
•
375V
200V
40V
++
() 1.1
•
677V
=
=
=
I
D1RMS
I
PK
1
3
---
1
π
---
K
vmin
ϑ
()
sin
3
•
1K
vmin
ϑ
()
sin
3
•
+
------------------------------------------------------
ϑ
d
•
0
π
∫
•
•
0.687A
=
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com