Electronic Components Datasheet Search
  English  ▼

X  

AN2435 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN2435
Description  TM sepic converter in PFC pre-regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2435 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN2435 Datasheet HTML 5Page - STMicroelectronics AN2435 Datasheet HTML 6Page - STMicroelectronics AN2435 Datasheet HTML 7Page - STMicroelectronics AN2435 Datasheet HTML 8Page - STMicroelectronics AN2435 Datasheet HTML 9Page - STMicroelectronics AN2435 Datasheet HTML 10Page - STMicroelectronics AN2435 Datasheet HTML 11Page - STMicroelectronics AN2435 Datasheet HTML 12Page - STMicroelectronics AN2435 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
AN2435
Sepic topology for PFC converter
9/25
Substituting the values of TON (Equation 10), TOFF (Equation 11), and VIN(θ) (Equation 5),
∆VC1 (
ϑ) may be expressed as follows:
Equation 17
It is useful to rewrite some quantities calculated earlier, in terms of converter output power,
RMS input voltage (VAC) , and expected efficiency (η), because these quantities are
generally known at the beginning of a design. Input power may be expressed as follows:
Equation 18
(F(Kv)) may be calculated as follows:
Equation 19
IPK may be expressed as follows:
Equation 20
The switching frequency can be expressed as:
Equation 21
Figure 5.
Switching frequency variation vs
θ for two different input voltages
1.
Where Vacmin = 175 V, Vacmax = 265 V, Le = 1 mH, h = 0.9, and PO = 65W.
V
C1 ϑ
()
∆
L
e
C1
--------
I
PK
2
2
-----------
•
ϑ
()
sin
2
V
O
2V
ac
ϑ
()
sin
•
•
+
()
---------------------------------------------------------------------
•
=
P
in
f
L
I
PK
2
--------
2
πf
L
t
•
()
sin
1K
v
2
πf
L
t
•
()
sin
•
+
----------------------------------------------------------
2V
ac
2
πf
L
t
•
()
sin
•
•
•
•
0
1
f
L
----
∫
•
dt
•
=
Fk
v
()
f
L
2
πf
L
t
•
()
sin
1k
v
2
πf
L
t
•
()
sin
•
+
---------------------------------------------------------
0
1
f
L
----
∫
•
dt
•
=
2
I
PK
2P
O
•
η
2V
ac
Fk
v
()
•
•
•
----------------------------------------------------
=
f
sw ϑ
()
η V
ac
2
•
Fk
v
()
•
P
O
L
e
•
1k
v
ϑ
()
sin
•
+
()
•
-------------------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com