Electronic Components Datasheet Search
  English  ▼

X  

AN2435 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN2435
Description  TM sepic converter in PFC pre-regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2435 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN2435 Datasheet HTML 3Page - STMicroelectronics AN2435 Datasheet HTML 4Page - STMicroelectronics AN2435 Datasheet HTML 5Page - STMicroelectronics AN2435 Datasheet HTML 6Page - STMicroelectronics AN2435 Datasheet HTML 7Page - STMicroelectronics AN2435 Datasheet HTML 8Page - STMicroelectronics AN2435 Datasheet HTML 9Page - STMicroelectronics AN2435 Datasheet HTML 10Page - STMicroelectronics AN2435 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
AN2435
Sepic topology for PFC converter
7/25
Taking into account that input voltage is now the rectified main, Equation 1 and Equation 2
can be rewritten as follows:
Equation 7
Due to transition mode operation, the MOSFET is switched on as soon as the diode current
falls to zero. This means that:
Equation 8
From and Equation 8, the MOSFET peak current equation may be derived:
Equation 9
Combining Equation 9 and Equation 6 an expression for TON may be obtained:
Equation 10
where Le is the parallel between inductor L1 and inductor L2. Equation 10 indicates that, as
in TM (Transition Mode) boost converter TON is independent from ϑ.
The expression for TOFF is obtained in a similar way to above:
Equation 11
where VO is the output voltage. The off time is dependent on θ, as in TM boost converter.
Once TON and TOFF are known, switching frequency (fSW) may be easily calculated as it is a
function of
ϑ:
Equation 12
Figure 5 shows the switching frequency versus
θ for two different input voltages. To
calculate input current averaged over one switching cycle, Equation 13, the charge balance
on capacitor C1, is used:
Equation 13
I
L1 t
ϑ
,
()
I
L10
V
IN ϑ
()
L
1
------------------
tI
L2 t
ϑ
,
()
,
•
I
L20
V
IN ϑ
()
L
2
------------------
t
•
+
=
+
=
I
L10
I
L20
–
0
=
I
PK ϑ
()
1
L
1
------
1
L
2
------
+
⎝⎠
⎛⎞ t
ON ϑ
()
•
2
•
V
ac
•ϑ
()
sin
•
=
t
ON ϑ
()
I
PK
ϑ
()
sin
•
1
L
1
------
1
L
2
------
+
⎝⎠
⎛⎞
2V
ac
ϑ
()
sin
•
•
•
------------------------------------------------------------------------------
L
e
I
PK
•
2V
ac
•
-----------------------
T
ON
=
=
=
T
OFF ϑ
()
T
ON
2V
ac
ϑ
()
sin
•
•
•
V
O
-----------------------------------------------------------------
=
f
SW ϑ
()
1
T
ON
T
OFF ϑ
()
+
-----------------------------------------
1
T
ON
1
2V
ac
ϑ
()
sin
•
•
V
O
--------------------------------------------------
+
⎝⎠
⎜⎟
⎛⎞
•
-----------------------------------------------------------------------------------
=
=
I
L10 ϑ
()
1
2
---
V
IN ϑ
()
L
1
------------------
T
ON
•
•
+
⎝⎠
⎛⎞ T
ON
•
I
L20 ϑ
()
1
2
---
V
IN ϑ
()
L
2
------------------
T
ON
•
•
+
⎝⎠
⎛⎞ T
OFF
•ϑ
() Q ϑ
()
=
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com